전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD2240NL 데이터시트(PDF) 8 Page - SamHop Microelectronics Corp.

부품명 STD2240NL
상세설명  N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2240NL 데이터시트(HTML) 8 Page - SamHop Microelectronics Corp.

  STD2240NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TO251 Tube/TO-252
TO-252 Carrier Tape
TO-252 Reel
Tape and Reel Data
UNIT:㎜
PACKAGE
TO-252
(16 ㎜)
A0
B0
K0
D0
D1
E
E1
E2
P0
P1
P2
T
6.80
±
0.1
10.3
±
0.1
2.50
±
0.1
ψ
2
ψ
1.5
+ 0.1
- 0
16.0
0.3±
1.75
0.1±
7.5
±
0.15
8.0
±
0.1
4.0
±
0.1
2.0
±
0.15
0.3
±
0.05
UNIT:㎜
TAPE SIZE
16 ㎜
REEL SIZE
ψ
330
M
N
W
T
H
K
S
G
R
V
ψ
330
±
0.5
ψ
97
±
1.0
17.0
+ 1.5
- 0
2.2
ψ
13.0
+ 0.5
- 0.2
10.6
2.0
±
0.5
S
8
S T U/D2240NL
" A"
TO-251 Tube


유사한 부품 번호 - STD2240NL

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
STD220BLK VCC-STD220BLK Datasheet
67Kb / 1P
   STD
logo
Shanghai Leiditech Elec...
STD22A12L01 LEIDITECH-STD22A12L01 Datasheet
1Mb / 4P
   1-Line High Power TVS Diode
Rev 2.0 : 12.01.2019
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STD22NM20NT4 STMICROELECTRONICS-STD22NM20NT4 Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
More results

유사한 설명 - STD2240NL

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM9410A SAMHOP-STM9410A Datasheet
729Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STS2302S SAMHOP-STS2302S Datasheet
806Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS3402 SAMHOP-STS3402 Datasheet
718Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com