전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PS300R 데이터시트(HTML) 1 Page - Pan Jit International Inc.

부품명 PS300R
상세내용  FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo 

PS300R 데이터시트(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
PS300R THRU PS3010R
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE - 50 to 1000 Volts
CURRENT - 3.0 Amperes
FEATURES
l
High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
l
Void-free Plastic in DO-201AD package
l
3 ampere operation at TA=55 ¢J with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
l
Fast switching for high efficiency
MECHANICAL DATA
Case: Molded plastic , DO-201AD
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.04 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PS300R PS301R PS302R PS304R PS306R PS308R PS3010R UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375"(9.5mm) Lead Length at
TA=55 ¢J
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
200
A
Maximum Forward Voltage at 3.0A
1.3
V
Maximum Reverse Current
TJ=25 ¢J
at Rated DC Blocking Voltage TJ=100 ¢J
5.0
500
£g A
£g A
Maximum Reverse Recovery Time(Note 1)
150
150
150
150
250
500
500
ns
Typical Junction capacitance (Note 2) CJ
60
PF
Typical Thermal Resistance (Note 3) R £KJA
22
¢J /W
Operating and Storage Temperature Range
-55 TO +150
¢J
NOTES:
1.
Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
2.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3.
Thermal Resistance from Junction to Ambient and from junction to lead at 0.375"(9.5mm) lead length with
both leads equally heatsink.
DO-201AD


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn