전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD105NP-561KB 데이터시트(PDF) 5 Page - Sumida Corporation

부품명 CD105NP-561KB
상세설명  CD105
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD105NP-561KB 데이터시트(HTML) 5 Page - Sumida Corporation

  CD105NP-561KB Datasheet HTML 1Page - Sumida Corporation CD105NP-561KB Datasheet HTML 2Page - Sumida Corporation CD105NP-561KB Datasheet HTML 3Page - Sumida Corporation CD105NP-561KB Datasheet HTML 4Page - Sumida Corporation CD105NP-561KB Datasheet HTML 5Page - Sumida Corporation CD105NP-561KB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
TYPE
CD105
2-2.ELECTRICAL CHARACTERISTICS Ⅰ (IN THE CASE OF REEL)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)
[MAX.]
(at 20℃)
RATED
CURRENT
(A)
※2
S.R.F.
(MHz)
[TYP.]
SUMIDA
CODE
01
CD1
Ø5NP-1ØØMC
100M
10μH±20%
0.06
2.60
25.1
-0118
02
CD1
Ø5NP-12ØMC
120M
12μH±20%
0.07
2.45
23.1
-0119
03
CD1
Ø5NP-15ØMC
150M
15μH±20%
0.08
2.27
19.1
-0120
04
CD1
Ø5NP-18ØMC
180M
18μH±20%
0.09
2.15
18.1
-0122
05
CD1
Ø5NP-22ØMC
220M
22μH±20%
0.10
1.95
15.9
-0123
06
CD1
Ø5NP-27ØMC
270M
27μH±20%
0.11
1.76
14.0
-0124
07
CD1
Ø5NP-33ØMC
330M
33μH±20%
0.12
1.50
13.1
-0125
08
CD1
Ø5NP-39ØMC
390M
39μH±20%
0.14
1.37
12.2
-0126
09
CD1
Ø5NP-47ØKC
470K
47μH±10%
0.17
1.28
10.6
-0127
10
CD1
Ø5NP-56ØKC
560K
56μH±10%
0.19
1.17
10.2
-0128
11
CD1
Ø5NP-68ØKC
680K
68μH±10%
0.22
1.11
9.26
-0129
12
CD1
Ø5NP-82ØKC
820K
82μH±10%
0.25
1.00
8.45
-0130
13
CD1
Ø5NP-1Ø1KC
101K
100μH±10%
0.35
0.97
7.64
-0131
14
CD1
Ø5NP-121KC
121K
120μH±10%
0.40
0.89
6.65
-0133
15
CD1
Ø5NP-151KC
151K
150μH±10%
0.47
0.78
5.86
-0134
16
CD1
Ø5NP-181KC
181K
180μH±10%
0.63
0.72
5.71
-0135
17
CD1
Ø5NP-221KC
221K
220μH±10%
0.73
0.66
5.25
-0136
18
CD1
Ø5NP-271KC
271K
270μH±10%
0.97
0.57
4.62
-0137
19
CD1
Ø5NP-331KC
331K
330μH±10%
1.15
0.52
4.07
-0138
20
CD1
Ø5NP-391KC
391K
390μH±10%
1.30
0.48
3.91
-0139
21
CD1
Ø5NP-471KC
471K
470μH±10%
1.48
0.42
3.61
-0140
22
CD1
Ø5NP-561KC
561K
560μH±10%
1.90
0.33
3.25
-0141
23
CD1
Ø5NP-681KC
681K
680μH±10%
2.25
0.28
2.96
-0142
24
CD1
Ø5NP-821KC
821K
820μH±10%
2.55
0.24
2.74
-0144


유사한 부품 번호 - CD105NP-561KB

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CD105NP-561KC SUMIDA-CD105NP-561KC Datasheet
408Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com