전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB10100F 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 SB10100F
상세설명  ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB10100F 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  SB10100F Datasheet HTML 1Page - Pan Jit International Inc. SB10100F Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : OCT.15.2002
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
MECHANICAL DATA
Case: ITO-220AC Molded plastic
Terminals: Solder plated, solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.08 ounces, 2.24grams.
SB1020F~SB10100F
ISOLATION SCHOTTKY BARRIER RECTIFIERS
VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at Tc=90°C
Peak Forward Surge Current,
8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage
at 10.0A per element
Maximum DC Reverse Current (Note 1) Ta=25°C
at Rated DC Blocking Voltage
Ta=100°C
Typical Thermal Resistance Note R
θJA
Operating and Storage Temperature Range T
J
V
V
mA
UNIT
NOTES:
1. Thermal Resistance Junction to Ambient .
V
0.85
0.5
50
ITO-220AC
Unit: inch ( mm )
.406(10.3) MAX
.035(.9) MAX
.134(3.4)
.189(4.8)MAX
.1
(2.55)
(2.55)
.1
.118(3.0)
.055(1.4) MAX
.130(3.3)MAX
.032(.8) MAX
.114(2.9)
.098(2.5)
°C
-50 to +125
60
A
150
V
A
10
°C/W
SB10100F
100.0
70.0
100.0
SB1080F
80.0
56.0
80.0
SB1060F
60.0
42.0
60.0
SB1050F
50.0
35.0
50.0
SB1040F
40.0
28.0
40.0
SB1030F
30.0
21.0
30.0
SB1020F
20.0
14.0
20.0
0.75
0.55


유사한 부품 번호 - SB10100F

제조업체부품명데이터시트상세설명
logo
Transys Electronics
SB10100F TRSYS-SB10100F Datasheet
149Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB10100F WTE-SB10100F Datasheet
40Kb / 3P
   10A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB10100F WTE-SB10100F Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB10100F PACELEADER-SB10100F Datasheet
297Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Global Corp...
SB10100FC SIRECT-SB10100FC Datasheet
162Kb / 3P
   Power Schottky Rectifier - 10Amp 100Volt
More results

유사한 설명 - SB10100F

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB1020FCT PANJIT-SB1020FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB1020CT PANJIT-SB1020CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB820FCT PANJIT-SB820FCT Datasheet
42Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB2520FCT PANJIT-SB2520FCT Datasheet
46Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
SB2020FCT PANJIT-SB2020FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
SB620F PANJIT-SB620F Datasheet
89Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
SB620FCT PANJIT-SB620FCT Datasheet
92Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
SB820 PANJIT-SB820 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB2020CT PANJIT-SB2020CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com