전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDEPI1O6NP-1OO 데이터시트(PDF) 3 Page - Sumida Corporation

부품명 CDEPI1O6NP-1OO
상세설명  CDEPI106
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEPI1O6NP-1OO 데이터시트(HTML) 3 Page - Sumida Corporation

  CDEPI1O6NP-1OO Datasheet HTML 1Page - Sumida Corporation CDEPI1O6NP-1OO Datasheet HTML 2Page - Sumida Corporation CDEPI1O6NP-1OO Datasheet HTML 3Page - Sumida Corporation CDEPI1O6NP-1OO Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
TYPE
CDEPI106
1.APPEARANCE
1-1.DIMENSIONS(mm)
* DIMENSION WITHOUT TOLERANCE IS APPROX.
1-2.STAMP(E.G.)
1-3.RECOMMENDED DIMENSIONS (mm)
2.COIL SPECIFICATION
2-1.CONNECTION (BOTTOM VIEW)
TERMINAL
11. 0 ± 0. 3
1. 8
10.3 ± 0. 2
7. 2
10 0
DATE CODE
DIRECTLY STAMP
UNFIXED THE POSITION
6.8
2.6
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS


유사한 부품 번호 - CDEPI1O6NP-1OO

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
   Power Inductors
CDEPI1010NP-100MC SUMIDA-CDEPI1010NP-100MC Datasheet
159Kb / 2P
   Power Inductors
CDEPI1010NP-120MC SUMIDA-CDEPI1010NP-120MC Datasheet
159Kb / 2P
   Power Inductors
CDEPI1010NP-150MC SUMIDA-CDEPI1010NP-150MC Datasheet
159Kb / 2P
   Power Inductors
CDEPI1010NP-180MC SUMIDA-CDEPI1010NP-180MC Datasheet
159Kb / 2P
   Power Inductors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com