전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CDRH64BNP-221MB 데이터시트(HTML) 4 Page - Sumida Corporation

부품명 CDRH64BNP-221MB
상세내용  CDRH64B
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo 

CDRH64BNP-221MB 데이터시트(HTML) 4 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 4 / 6 page
background image
SPECIFICATION
TYPE
CDRH64B
1.
1-1.DIMENSIONS(mm)
* DIMENSIONS WITHOUT TOLERANCE ARE APPROX.
1-2.STAMP (E.
)
-3. DIMENSION RECOMMENDED (mm)
2.COIL SPECIFICATION
2-1.CONNECTION (BOTTOM
)
PLEASE COAT WITH SILK SCREEN BETWEEN THE TWO TERMINALS.
DIRECTLY STAMP
UNFIXED POSITION
DATE CODE
100
PART OF SILK SCREEN
1.9
MAX.5.0
0.6
0.1
1.5±0.2
6.2±0.3
ELECTRODE
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
1


Html Pages

1  2  3  4  5  6 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn