전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTC80DDA15T3 데이터시트(PDF) 2 Page - Advanced Power Technology

부품명 APTC80DDA15T3
상세설명  Dual boost chopper Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADPOW [Advanced Power Technology]
홈페이지  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTC80DDA15T3 데이터시트(HTML) 2 Page - Advanced Power Technology

  APTC80DDA15T3 Datasheet HTML 1Page - Advanced Power Technology APTC80DDA15T3 Datasheet HTML 2Page - Advanced Power Technology APTC80DDA15T3 Datasheet HTML 3Page - Advanced Power Technology APTC80DDA15T3 Datasheet HTML 4Page - Advanced Power Technology APTC80DDA15T3 Datasheet HTML 5Page - Advanced Power Technology APTC80DDA15T3 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTC80DDA15T3
APT website – http://www.advancedpower.com
2 – 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 375µA
800
V
VGS = 0V,VDS = 800V
Tj = 25°C
50
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 800V
Tj = 125°C
375
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 14A
150
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2mA
2.1
3
3.9
V
IGSS
Gate – Source Leakage Current
VGS = ±20 V, VDS = 0V
±150
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
4507
Coss
Output Capacitance
2092
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
108
pF
Qg
Total gate Charge
180
Qgs
Gate – Source Charge
22
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 400V
ID = 28A
90
nC
Td(on)
Turn-on Delay Time
10
Tr
Rise Time
13
Td(off)
Turn-off Delay Time
83
Tf
Fall Time
Inductive switching @125°C
VGS = 15V
VBus = 533V
ID = 28A
RG = 2.5Ω
35
ns
Eon
Turn-on Switching Energy
486
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 533V
ID = 28A, RG = 2.5Ω
278
µJ
Eon
Turn-on Switching Energy
850
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 533V
ID = 28A, RG = 2.5Ω
342
µJ
Diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1000
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=1000V
Tj = 125°C
500
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 100°C
60
A
IF = 60A
1.9
2.5
IF = 120A
2.2
VF
Diode Forward Voltage
IF = 60A
Tj = 125°C
1.7
V
Tj = 25°C
280
trr
Reverse Recovery Time
Tj = 125°C
350
ns
Tj = 25°C
760
Qrr
Reverse Recovery Charge
IF = 60A
VR = 667V
di/dt=200A/µs
Tj = 125°C
3600
nC
Eon includes diode reverse recovery.
In accordance with JEDEC standard JESD24-1.


유사한 부품 번호 - APTC80DDA15T3

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
APTC80DDA15T3G MICROSEMI-APTC80DDA15T3G Datasheet
308Kb / 6P
   Dual Boost chopper Super Junction MOSFET Power Module
More results

유사한 설명 - APTC80DDA15T3

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
APTC80DDA15T3G MICROSEMI-APTC80DDA15T3G Datasheet
308Kb / 6P
   Dual Boost chopper Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60DDAM35T3 ADPOW-APTC60DDAM35T3 Datasheet
338Kb / 6P
   Dual boost chopper Super Junction MOSFET Power Module
APTC60DDAM70T3 ADPOW-APTC60DDAM70T3 Datasheet
338Kb / 6P
   Dual boost chopper Super Junction MOSFET Power Module
APTC80DDA29T3 ADPOW-APTC80DDA29T3 Datasheet
336Kb / 6P
   Dual boost chopper Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60VDAM45T1G MICROSEMI-APTC60VDAM45T1G Datasheet
256Kb / 7P
   Dual boost chopper Super Junction MOSFET Power Module
APTC60DDAM45CT1G MICROSEMI-APTC60DDAM45CT1G Datasheet
258Kb / 7P
   Dual boost chopper Super Junction MOSFET Power Module
APTC60VDAM24T3G MICROSEMI-APTC60VDAM24T3G Datasheet
246Kb / 7P
   Dual boost chopper Super Junction MOSFET Power Module
APTC80DDA29T3G MICROSEMI-APTC80DDA29T3G Datasheet
308Kb / 6P
   Dual Boost chopper Super Junction MOSFET Power Module
APTC60DDAM35T3G MICROSEMI-APTC60DDAM35T3G Datasheet
308Kb / 6P
   Dual boost chopper Super Junction MOSFET Power Module
APTC60DDAM45T1G MICROSEMI-APTC60DDAM45T1G Datasheet
261Kb / 7P
   Dual boost chopper Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com