전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTM10DDAM19T3 데이터시트(PDF) 3 Page - Advanced Power Technology

부품명 APTM10DDAM19T3
상세설명  Dual Boost chopper MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADPOW [Advanced Power Technology]
홈페이지  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM10DDAM19T3 데이터시트(HTML) 3 Page - Advanced Power Technology

  APTM10DDAM19T3 Datasheet HTML 1Page - Advanced Power Technology APTM10DDAM19T3 Datasheet HTML 2Page - Advanced Power Technology APTM10DDAM19T3 Datasheet HTML 3Page - Advanced Power Technology APTM10DDAM19T3 Datasheet HTML 4Page - Advanced Power Technology APTM10DDAM19T3 Datasheet HTML 5Page - Advanced Power Technology APTM10DDAM19T3 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTM10DDAM19T3
APT website – http://www.advancedpower.com
3 - 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
Transistor
0.6
RthJC
Junction to Case
diode
0.9
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M4
1.5
4.7
N.m
Wt
Package Weight
110
g
Temperature sensor NTC (for more information see application note APT0406 on www.advancedpower.com).
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
B 25/85
T25 = 298.15 K
3952
K


=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
Package outline (dimensions in mm)
12
1
T: Thermistor temperature
RT: Thermistor value at T


유사한 부품 번호 - APTM10DDAM19T3

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
APTM10DDAM19T3G MICROSEMI-APTM10DDAM19T3G Datasheet
287Kb / 6P
   Dual Boost chopper MOSFET Power Module
More results

유사한 설명 - APTM10DDAM19T3

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
APTM100DDA35T3G MICROSEMI-APTM100DDA35T3G Datasheet
291Kb / 6P
   Dual Boost chopper MOSFET Power Module
APTM50DDA10T3G MICROSEMI-APTM50DDA10T3G Datasheet
293Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM50DDA10T3 ADPOW-APTM50DDA10T3 Datasheet
321Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM10DDAM09T3G MICROSEMI-APTM10DDAM09T3G Datasheet
287Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM50DDAM65T3 ADPOW-APTM50DDAM65T3 Datasheet
320Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM10DDAM19T3G MICROSEMI-APTM10DDAM19T3G Datasheet
287Kb / 6P
   Dual Boost chopper MOSFET Power Module
APTM100VDA35T3G MICROSEMI-APTM100VDA35T3G Datasheet
240Kb / 7P
   Dual Boost chopper MOSFET Power Module
APTM120VDA57T3G MICROSEMI-APTM120VDA57T3G Datasheet
245Kb / 7P
   Dual Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DDAM09T3 ADPOW-APTM10DDAM09T3 Datasheet
315Kb / 6P
   Dual Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM50DDAM65T3G MICROSEMI-APTM50DDAM65T3G Datasheet
293Kb / 6P
   Dual Boost chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com