전자부품 데이터시트 검색엔진 |
|
GVXO41 데이터시트(PDF) 1 Page - Golledge Electronics Ltd |
|
GVXO41 데이터시트(HTML) 1 Page - Golledge Electronics Ltd |
|
1 / 1 page 5V VCXO GVXO-41 Tel: +44 1460 256 100 Fax: +44 1460 256 101 E-mail: sales@golledge.com Web: www.golledge.com 12 Jul 2001 Standard. Optional - Please specify required code(s) when ordering Features « 5.0V supply « Low cost for volume applications « Choice of pullability & stability « Express deliveries for non-standard items « Industrial temperature range option Product + variant + option codes + frequency eg: GVXO-41F/SC 20.480MHz ±150ppm pullability,±25ppm stability Option codes must be included to specify a model completely. Option code X (eg GVXO-41F/X) denotes a custom spec. Ordering Information PIN 1 7 8 14 CONNECTION Control voltage Ground Output Supply PIN 1 4 5 8 5.70 (max) 4.00 (min) 0.80 0.46Ø 7.62 15.24 1 14 7 8 20.80 (max) 13.08 (max) 7.62 13.08 (max) 13.08 (max) 5.70 (max) 4.00 (min) 0.80 0.46Ø 7.62 14 85 Scale 1:1 Frequencies in MHz Standard Frequencies Other frequencies available. Please consult our sales office. Specifications GVXO-41F: Full size (14 pin DIL) GVXO-41H: Half size (8 pin DIL) 8.19200 13.50000 14.31818 16.38400 17.73447 19.44000 20.48000 24.57600 27.00000 32.76800 Option Codes FH Variant Parameters ±15ppm and ±20ppm stability may not be available over -40+85°C, depending on frequency. Check with our sales office. Package: 14 pin DIL (full size) 8 pin DIL (half size) Frequency range: 1.544 ~ 33.0MHz 1.544 ~ 30.0MHz Voltage control: +2.5V ±2.5V, 10% linearity >100k input impedance Frequency pullability (min): ±80ppm N ±150ppm S ±200ppm W Frequency stability: ±100ppm A ±50ppm B ±25ppm C ±20ppm D ±15ppm E Ageing: ±5.0ppm max per year Operating temperature range: -10 to +70°C -40 to +85°C I Storage temperature range: -55 to +125°C Supply voltage (VDD): +5.0V (±5%) Supply current: 20mA max (<20.0MHz) 30mA max (20.0 ~ 33.0MHz) Driving ability: 30pF HCMOS 5 LSTTL Logic levels: ‘0’ level = +0.4V max ‘1’ level = 90%V DD min Waveform symmetry @ 50%VDD: 40:60 max Rise / fall time: 6ns max (0.4V ~ 90%V DD min) |
유사한 부품 번호 - GVXO41 |
|
유사한 설명 - GVXO41 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |