전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP51-02 데이터시트(PDF) 1 Page - E-Tech Electronics LTD

부품명 BAP51-02
상세설명  General purpose PIN diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETL [E-Tech Electronics LTD]
홈페이지  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BAP51-02 데이터시트(HTML) 1 Page - E-Tech Electronics LTD

  BAP51-02 Datasheet HTML 1Page - E-Tech Electronics LTD BAP51-02 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S24–1/2
General purpose PIN diode
SOD523 SC-79
1
2
BAP51 – 02
2
ANODE
1
CATHODE
FEATURES
· Low diode capacitance
· Low diode forward resistance.
APPLICATIONS
· General RF applications.
DESCRIPTION
General purpose PIN diode in a SOD523 small SMD plastic package.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V R
continuous reverse voltage
60
V
II F
continuous forward current
50
mA
P tot
total power dissipation
T s =90°C
715
mW
T stg
storage temperature
-65
+150
°C
T j
junction temperature
-65
+150
°C
ELECTRICAL CHARACTERISTICS T j = 25°C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX.
UNIT
V F
forward voltage
I F =50 mA
0.95
1.1
V
V R
reverse voltage
I R =10mA
50
V
I R
reverse current
V R =50 V
100
nA
C d
diode capacitance
V R = 0; f = 1 MHz
0.4
pF
V R = 1 V; f = 1 MHz
0.3
0.55
pF
V R = 5 V; f = 1 MHz
0.2
0.35
pF
r D diode forward resistance
I F = 0.5 mA; f = 100 MHz; note 1
5.5
9
I F = 1 mA; f = 100 MHz; note 1
3.6
6.5
I F = 10 mA; f = 100 MHz; note 1
1.5
2.5
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMALCHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering-point
85
K/W


유사한 부품 번호 - BAP51-02

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
BAP51-02 LRC-BAP51-02 Datasheet
105Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
BAP51-02 NXP-BAP51-02 Datasheet
229Kb / 6P
   General purpose PIN diode
Rev. 03-2 January 2008
logo
Guangdong Kexin Industr...
BAP51-02 KEXIN-BAP51-02 Datasheet
33Kb / 1P
   General purpose PIN diode
logo
SeCoS Halbleitertechnol...
BAP51-02 SECOS-BAP51-02 Datasheet
267Kb / 2P
   Small Signal General Purpose Pin Diode
More results

유사한 설명 - BAP51-02

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com