전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC1917HAN-011 데이터시트(PDF) 2 Page - PerkinElmer Optoelectronics

부품명 LC1917HAN-011
상세설명  Low-Profile Analog Line Scan Camera
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC1917HAN-011 데이터시트(HTML) 2 Page - PerkinElmer Optoelectronics

  LC1917HAN-011 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0
150
250
350
450
550
650
750
850
950
1050
10
20
30
40
50
60
70
80
90
100
Wavelength (nm)
Analog Line Scan Cameras
www.perkinelmer.com/opto
DSP-205.01A - 4/2001W Page 2
The Sensor
LC1917-series cameras contain a
high-performance, high-resolution line
scan image sensor (PerkinElmer
Optoelectronics parts RL1024PAG)
featuring a pinned photodiode pixel.
Each photodiode converts incident
light into discrete charge packets.
Advantages of pinned photodiode
pixels include linear exposure control,
the elimination of image lag, and the
reduction of photo response non-
uniformity (PRNU). For more specific
sensor specifications and information,
please consult the appropriate sensor
datasheet, available by contacting
PerkinElmer. Figure 1a details the
spectral sensitivity of the sensor,
while Figure 1b details the sensor’s
glass window light transmission curve.
Functional Description
The video signal from the sensor is
processed through a single channel of
sampled-and-held, raster order, analog
video data. The video channel signal
processing circuitry offers both
adjustable gain and dark offset levels
to allow customization of the camera
to unique lighting applications. An
operational amplifier in a differential
configuration is recommended to
receive the video signal. Figure 2
details the camera video processing.
Input Signals
The LC1917 camera requires DC supply
voltages of +12 VDC, -12 VDC, and
+5 VDC for operation. Table 3 further
describes power requirements and
voltages, along with tolerances. By
default, the camera will operate at its
maximum line rate of 4700 scans per
second. The camera is controlled by
two externally generated differential
input signals: Master Clock (MCLK)
and Line Transfer (LT).
The Master Clock input determines
the data rate frequency for values up to
maximum clock of the camera (5 MHz).
The data rate may be run from 1 MHz
to cameras maximum clock rate.
The LT input signal transfers the
charge from each photosite to the
readout registers. The readout
registers, in turn, transport the charge
from each photodiode in succession to
the video outputs. The LT input from
the user must remain in the ON state
for at least one and a half MCLK
cycles to initiate the internal line
transfer and may remain ON until one
100
90
80
70
60
50
40
30
20
10
0
250
350
450
550
650
750
850
950
1050
100
90
80
70
60
50
40
30
20
10
0
Wavelength (nm)
Right Scale
Left Scale
Figure 1a. Spectral Sensitivity Curve (1X Gain)
Figure 1b. Sensor Window Transmission Curve
Figure 2. Camera Block Diagram
Line Transfer Logic
Line Enable Logic
FPGA
MCLK
Logic
Drive
Logic
LT
LEN
CLT+
CLT-
IMAGER
Buffer
Offset
ADJ
Gain
ADJ
Sample -
and - Hold
Amp
LENS
LEN+
LEN-
CCLK+
CCLK-
VOUT+
VOUT-
LT+
LT-
MCLK+
MCLK-
+12VDC
+5VDC
-12VDC
øH1
øH2
øPG
øRG
øTG
øAB
VIDEO


유사한 부품 번호 - LC1917HAN-011

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
LC191 SEOUL-LC191 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC191 SEOUL-LC191 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
378Kb / 14P
   RED LAMP LED
More results

유사한 설명 - LC1917HAN-011

제조업체부품명데이터시트상세설명
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
Hamamatsu Corporation
C4880-80 HAMAMATSU-C4880-80 Datasheet
79Kb / 2P
   Fast scan multi format Cooled CCD Camera
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
   X-Ray Line Sensor Camera
C10854 HAMAMATSU-C10854_15 Datasheet
596Kb / 7P
   Near infrared line camera (Line rate: 31.25 kHz)
logo
ams AG
4LS AMSCO-4LS Datasheet
3Mb / 115P
   4LS15K, 4LS10K and 4LS5K Line Scan Sensors
v3-01 2022-Nov-17
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS Datasheet
58Kb / 2P
   Low Profile Analog Laser Sensor
logo
List of Unclassifed Man...
SAD4096 ETC-SAD4096 Datasheet
180Kb / 7P
   ANALOG DELAY LINE
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com