전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC3000 데이터시트(PDF) 7 Page - PerkinElmer Optoelectronics

부품명 LC3000
상세설명  High Performance, Low-Cost Analog Line Scan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC3000 데이터시트(HTML) 7 Page - PerkinElmer Optoelectronics

  LC3000 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 6Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 7Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.perkinelmer.com/opto
Analog Line Scan Camera
DSP-201.01D - 4/2002 Page 7
User Connections
The connector on the LC3000-series
camera is a 25-pin D-type male
connector. All user connections are
via this connector. It contains all com-
munications, output, and power con-
nections needed for camera operation.
Refer to Table 5 for pinout locations
and details.
Camera Performance
The camera head is housed in a
rugged, one-piece, deep drawn
aluminum case, measuring 2.5"H x
2.5"W x 2.72"L (excluding lens
mounts or connector extensions)
specifically designed for industrial
applications. The sensor is mounted
on an aluminum plate that efficiently
transfers heat to the camera case. The
camera is provided with a standard
1
/4"-20 UNC tripod mounting block,
which can be attached to any of the
four sides of the camera. The mount-
ing holes used to attach the tripod
block can also be used to mount the
camera assembly. The recommended
mounting method for the LC3000-
series is attaching the camera to the
desired location using the faceplate of
the housing. The faceplate mounting
screws should have a maximum inser-
tion depth of 0.25" (6.35 mm). This
mounting method results in the most
advantageous use of the one-piece
faceplate design and provides a highly
stable reference surface to the optical
plane of the CCD sensor. Additionally,
the CCD sensor is thermally coupled
to the faceplate of the camera, and the
conductive cooling of this surface is
useful in minimizing thermally gener-
ated dark current and noise of the
camera system.
Optical Interface
The LC3000-series cameras are
equipped with a U-Mount lens inter-
face (MA2-1-6H) that is aligned to the
CCD sensor. Adapters are available to
accept ‘C’, ‘U’, or ‘F’ (Nikon Bayonet)
lens. These standard adapters allow
the user to select the optimum lens to
suit their particular application. For
assistance in choosing camera
adapters, extensions, and lenses,
contact PerkinElmer.
Table 6. Camera Specifications
Characteristic
Min
Typ
High
Unit
Pixel Spacing
-
14
-
µm
Aperture Width
-
14
-
µm
Spectral Response
350
-
1000
nm
Window
-
Glass
-
-
Anti-Blooming
-
Yes
-
-
Full Scale Output
-
0.75
-
V
Output Impedance
-
100
-
ohm
DC Offset
0
-
45
mV
Exposure Time
-
-
20
mS
Line Period
LC3011
55.4
-
-
µs
LC3012
106.6
-
-
µs
LC3013
209.0
-
-
µs
LC3021
27.7
-
-
µs
LC3022
53.3
-
-
µs
LC3023
104.5
-
-
µs
Fixed Pattern Noise
-
-
15
mV
Photo Response Non-Uniformity (PRNU)
-
-
±10
%
Random Noise, rms
-
-
1.5
mV
Noise Equivalent Exposure
-
0.06
-
nJ/cm2
Dynamic Range
-
500:1
-
Range
50% Full Scale Exposure1
-
0.015
-
µJ/cm2
Photo Response
-
25
-
V/µJ/cm2
Weight
-
15
-
ounces
Dimensions
-
2.5 x 2.5 x 2.72
-
inches
Lens Mount
-
U-Mount
-
-
Random Vibration
-
30
-
g,RMS
Shock (6 axis without lens), Peak
-
300
-
g
Operating Temperature
-20
-
55
˚C
Storage Temperature
-40
-
80
˚C
Input Voltage
11.5
12
24
VDC
Current @12 VDC2
-
480
-
mA
Input Power
-
6
-
W
Table 5. Pin Assignments
Pin
Signal
Description
Pin
Signal
Description
1
N/C
No Connection
14
Power Return
Input Power Common
2
N/C
No Connection
15
MCLK+
Master Clock+
3
CCLK+
Camera Clock+
16
CCLK-
Camera Clock-
4
MCLK-
Master Clock-
17
LT+
External Line Transfer+
5
N/C
No Connection
18
LT-
Extenal Line Transfer-
6
N/C
No Connection
19
CLT-
Camera Line Transfer-
7
CLT+
Camera Line Transfer+
20
LEN+
Line Enable+
8
LEN-
Line Enable-
21
N/C
No Connection
9
N/C
No Connection
22
LR-
Line Reset-
10
LR+
Line Reset+
23
N/C
No Connection
11
N/C
No Connection
24
Video+
Analog Video+
12
Video-
Analog Video-
25
N/C
No Connection
13
Power
Input DC Power
Notes:
1. Measured with 635 nm light source.
2. LC3013PGN-011
12586 Final Art 2 5/9/01 4:51 PM Page 7


유사한 부품 번호 - LC3000

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
LC3005 TELEDYNE-LC3005 Datasheet
125Kb / 1P
   5 TO 3000 MHz TO-8 CASCADABLE LC3005 SIGNAL LIMITER
logo
Seoul Semiconductor
LC300Z SEOUL-LC300Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

유사한 설명 - LC3000

제조업체부품명데이터시트상세설명
logo
PerkinElmer Optoelectro...
LC1917 PERKINELMER-LC1917 Datasheet
647Kb / 6P
   Low-Profile Analog Line Scan Camera
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
Shenzhen Huazhimei Semi...
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
   High Performance Low Cost Off-line PWM Power Switch
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com