전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4632 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LA4632
상세설명  10 W Two-Channel BTL AF Power Amplifier for Audio Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4632 데이터시트(HTML) 7 Page - Sanyo Semicon Device

  LA4632 Datasheet HTML 1Page - Sanyo Semicon Device LA4632 Datasheet HTML 2Page - Sanyo Semicon Device LA4632 Datasheet HTML 3Page - Sanyo Semicon Device LA4632 Datasheet HTML 4Page - Sanyo Semicon Device LA4632 Datasheet HTML 5Page - Sanyo Semicon Device LA4632 Datasheet HTML 6Page - Sanyo Semicon Device LA4632 Datasheet HTML 7Page - Sanyo Semicon Device LA4632 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
No.8178-7/8
LA4632
8
4
40
60
80
50
70
20
40
30
60
80
50
70
16
20
12
24
614
18
10
22
SVRR -- VCC
ILA07005
RL=6Ω
fR=100Hz
VCCR=0dBm
Rg=0
CVCC=1µF
SVRR -- fR
fR -- Hz
ILA07006
1k
100
10k
100k
23
5
7
23
5 7
23
5 7
23
5 7
23
5 7
23
5
7
23
5
7
1k
10
100
10k
100k
0
0.1
0.2
0.3
VNO -- Rg
ILA07004
Ch sep -- f
ILA07003
10
100
23
5 7
23
5 7
23
5 7
1k
10k
23
5 7100k
70
50
60
20
30
40
80
VCC=13V
RL=6Ω
VO=0dBm
Rg=10k
VCC=13V
RL=6Ω
BPF=20Hz to 20kHz
CH2
CH1
VCC=13V
RL=6Ω
VCCR=0dBm
Rg=0
CVCC=1mF
CH2
CH1
VCC=13V
RL=6Ω
VO=0dBm
Rg=600
Cin=4.7
µF
Response -- f
ILA07001
10
100
2 3 57
2 3 57
2 3 57
2
2
33
55
77
1k
10k
100k
0
--1
--2
--3
--4
--5
1
THD -- f
ILA07000
10
100
2 3
57
2 3
57
2 3
57
2 3
57
1k
10k
100k
7
5
3
2
2
0.1
1.0
3
5
7
3
VCC=13V
RL=6Ω
PO=1W
Rg=600
THD -- PO
ILA06999
VCC=13V
RL=8Ω
0.1
1.0
23
5
7
10
22
35
7
7
5
3
10
2
3
2
7
5
7
5
1.0
3
0.1
f=10kHz
f=100Hz
f=1kHz
VCC=13V
RL=6Ω
Rg=600
PO -- f
ILA07002
10
100
2 3
57
2 3
57
2 3
57
2 3
57
1k
10k
100k
10
8
6
4
0
2
12
THD=10%
THD=1%
Frequency, f - Hz
Frequency, f - Hz
Frequency, f - Hz
Frequency, f - Hz
Output power, PO - W
Supply voltage, VCC - V
Signal source resistance, Rg -
CH1 2
CH2 1


유사한 부품 번호 - LA4632

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4630N SANYO-LA4630N Datasheet
251Kb / 7P
   9V/12V 3-Dimension Power IC for Radio Cassette Recorders
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
More results

유사한 설명 - LA4632

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
   For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
   Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
   For General Audio Use 2-Channel BTL AF Power Amplifier
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com