전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR3410 데이터시트(PDF) 1 Page - ANADIGICS, Inc

부품명 ADR3410
상세설명  50 ??High Linearity 1 Watt Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADR3410 데이터시트(HTML) 1 Page - ANADIGICS, Inc

  ADR3410 Datasheet HTML 1Page - ANADIGICS, Inc ADR3410 Datasheet HTML 2Page - ANADIGICS, Inc ADR3410 Datasheet HTML 3Page - ANADIGICS, Inc ADR3410 Datasheet HTML 4Page - ANADIGICS, Inc ADR3410 Datasheet HTML 5Page - ANADIGICS, Inc ADR3410 Datasheet HTML 6Page - ANADIGICS, Inc ADR3410 Datasheet HTML 7Page - ANADIGICS, Inc ADR3410 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
04/2003
RF
Power Control
Supply
IN
Active
Bias
Circuit
RF
/Supply
OUT
ADR3410
50
Ω High Linearity 1 Watt Amplifier
ADVANCED PRODUCT INFORMATION - Rev 0.1
S27 Package
8 Pin SOIC with Heat Slug
Figure 1: Block Diagram
FEATURES
1 Watt Output Power
850 to 2200 MHz Operation
Bias Control Input for Linearity Adjustment
12.5 dB Gain at 2160 MHz
+43 dBm Output IP3 at 2160 MHz
4 dB Noise Figure at 880 MHz
Single +5 V Supply
-40 to +85
°C Operation
APPLICATIONS
Driver Amplifiers for Multi-Carrier and Single
Carrier Power Amplifiers in W-CDMA and PCS
Base Stations
ISM, Fixed Wireless and Satellite Systems
PRODUCT DESCRIPTION
The ADR3410 is a high performance, single-stage
InGaP HBT amplifier designed for use in wireless
infrastructure systems as a highly linear 1 Watt driver.
Packaged in a surface mount 8 pin SOIC, the die is
mounted to a heat slug, offering excellent thermal
dissipation and high reliability. The device may be
biased through an external inductor directly to a +5 V
supply, and uses an internal active bias circuit with a
current adjust input for linearity control.


유사한 부품 번호 - ADR3410

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
ADR3412 AD-ADR3412 Datasheet
223Kb / 5P
   Devices Connected
ADR3412ARJZ-R2 AD-ADR3412ARJZ-R2 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
ADR3412ARJZ-R7 AD-ADR3412ARJZ-R7 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
More results

유사한 설명 - ADR3410

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31222 AVAGO-ALM-31222_14 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
DEMO-ALM-31X22 BOARDCOM-DEMO-ALM-31X22 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31322 AVAGO-ALM-31322_10 Datasheet
235Kb / 12P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
ALM-31122 BOARDCOM-ALM-31122 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122 AVAGO-ALM-31122_14 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31222 AVAGO-ALM-31222_10 Datasheet
259Kb / 13P
   1-Watt High Linearity Amplifier
ALM-31122 AVAGO-ALM-31122_10 Datasheet
239Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31322 AVAGO-ALM-31322_14 Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
logo
List of Unclassifed Man...
AH215 ETC1-AH215 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
logo
WJ Communication. Inc.
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com