전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMT8304T46L 데이터시트(PDF) 2 Page - ANADIGICS, Inc

부품명 AMT8304T46L
상세설명  2.125 Gb/s Integrated 850nm MSM-TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8304T46L 데이터시트(HTML) 2 Page - ANADIGICS, Inc

  AMT8304T46L Datasheet HTML 1Page - ANADIGICS, Inc AMT8304T46L Datasheet HTML 2Page - ANADIGICS, Inc AMT8304T46L Datasheet HTML 3Page - ANADIGICS, Inc AMT8304T46L Datasheet HTML 4Page - ANADIGICS, Inc AMT8304T46L Datasheet HTML 5Page - ANADIGICS, Inc AMT8304T46L Datasheet HTML 6Page - ANADIGICS, Inc AMT8304T46L Datasheet HTML 7Page - ANADIGICS, Inc AMT8304T46L Datasheet HTML 8Page - ANADIGICS, Inc AMT8304T46L Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DATA SHEET - Rev 2.0
12/2003
AMT8304
Table 2: Absolute Maximum Ratings
Table 1: Package PIN Description
Figure 2: T46F/T46L/T4TL Pin Outline (Bottom View)
ELECTRICAL CHARACTERISTICS
Stresses in excess of the absolute ratings may
cause permanent damage. Functional operation
is not implied under these conditions. Exposure
to absolute ratings for extended periods of time
may adversely affect reliability.
N
I
P
N
O
I
T
P
I
R
C
S
E
D
T
N
E
M
M
O
C
1
V
T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-
)
d
e
t
r
e
v
n
I
-
n
o
n
(
l
a
c
it
p
o
h
ti
w
1
l
a
c
i
g
o
L
t
u
p
n
i
2
V
D
D
y
l
p
p
u
S
e
v
it
i
s
o
P
-
e
g
a
tl
o
V
s
tl
o
V
3
.
3
+
3
V
T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-
)
d
e
t
r
e
v
n
I
(
l
a
c
it
p
o
h
ti
w
0
l
a
c
i
g
o
L
t
u
p
n
i
4d
n
u
o
r
Gd
e
d
n
u
o
r
g
s
i
e
s
a
C
V
D
D
V
0
.
6
P
N
I
m
B
d
5
+
T
S
5
6
-
.
p
m
e
T
e
g
a
r
o
t
5
2
1
o
t
C°C


유사한 부품 번호 - AMT8304T46L

제조업체부품명데이터시트상세설명
logo
ANADIGICS, Inc
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8301T46F ANADIGICS-AMT8301T46F Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8301T46L ANADIGICS-AMT8301T46L Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8302T56F ANADIGICS-AMT8302T56F Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
More results

유사한 설명 - AMT8304T46L

제조업체부품명데이터시트상세설명
logo
ANADIGICS, Inc
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
   1.25 Gb/s Integrated 850nm MSM-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com