์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S1117-XXQ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - AUK corp

๋ถ€ํ’ˆ๋ช… S1117-XXQ
์ƒ์„ธ๋‚ด์šฉ  Adjustable and Fixed Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AUK [AUK corp]
ํ™ˆํŽ˜์ด์ง€  https:www.auk.co.kr
Logo 

S1117-XXQ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 2 / 6 page
background image
KSD-I5A001-000
2
S1117AQ/S1117-xxQ
Absolute Maximum Ratings
[Ta=25
ยฐC]
Characteristic
Symbol
Rating
Unit
Input voltage
VI
16
V
PD1(Note1)
2.8
Power Dissipation
PD2(Note2)
0.8
W
Junction Temperature
TJ
150
ยฐC
Operating temperature range
Topr
0 ~ +125
โ„ƒ
Storage temperature range
Tstg
-55 ~ +150
ยฐC
Note 1 : Mounted on a glass epoxy circuit board of 25.4 ร— 25.4mm. (at 1oz copper area)
Note 2 : No Heat sink
Recommended operating conditions
Characteristic
Symbol
Min.
Max.
Unit
Input voltage
VI
VO+1.5V
VO+7V
V
Output current
IO
1
1000
mA
Device Selection Guide
Note 3 : Other fixed versions are available VO=1.5V ~ 5V
Device
Output Voltage
S1117AQ
Adjustable
S1117-15Q
1.50V
S1117-18Q
1.80V
S1117-25Q
2.50V
S1117-285Q
2.85V
S1117-33Q
3.30V
S1117-50Q
5.00V


Html Pages

1  2  3  4  5  6 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn