์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S1117-XXQ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - AUK corp

๋ถ€ํ’ˆ๋ช… S1117-XXQ
์ƒ์„ธ๋‚ด์šฉ  Adjustable and Fixed Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AUK [AUK corp]
ํ™ˆํŽ˜์ด์ง€  https:www.auk.co.kr
Logo 

S1117-XXQ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 4 / 6 page
background image
KSD-I5A001-000
4
S1117AQ/S1117-xxQ
โ– 
Typical Applications
Fig. 1 Fixed Voltage Regulator
2
ADJ
1
2
ADJ
R
ร—
I
+
)
R
R
+
1
(
ร—
V
=
Vo
Fig. 2 Adjustable Voltage Regulator
V
S1117A
10ใŽŒ
C
(Adjustable Version)
R
I
R
I
125โ„ฆ
(1๏ผ…)
O
225โ„ฆ
(1๏ผ…)
O
C
10ใŽŒ
1
V
Vo=3.5V
2
Adj
Notes 5:
1) CI needed if device is far from filter capacitors
2) CO minimum value required for stability
IADJ
R
10ใŽŒ
O
10ใŽŒ
O
S1117-XX
V
V
(Fixed Version)
L
Adj/GND
I
C
C
I


Html Pages

1  2  3  4  5  6 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn