์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S1117-XXQ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - AUK corp

๋ถ€ํ’ˆ๋ช… S1117-XXQ
์ƒ์„ธ๋‚ด์šฉ  Adjustable and Fixed Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AUK [AUK corp]
ํ™ˆํŽ˜์ด์ง€  https:www.auk.co.kr
Logo 

S1117-XXQ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 5 / 6 page
background image
KSD-I5A001-000
5
S1117AQ/S1117-xxQ
Electrical Characteristic Curves
Fig.3 VDROP vs IO
Fig.4 Vo vs Ta
1.8
200
1000
600
400
1.4
0
800
2.0
0.8
0.4
0.6
1.6
1.2
1.0
Output Current IO [mA]
Ta=0ยฐC
50ยฐC
125ยฐC
Ambient Temperature Ta [โ„ƒ]
0
150
75
50
-25
100
25
125
0.90
0.30
1.20
-0.6
-1.2
-0.9
0.60
0.00
-0.3
VI=VO+1.5V, IO=500mA
Fig.5 IL(MIN) vs VI-VO
Fig.6 IAdj vs Ta
Input-Output Differential Voltage [V]
1.0
8
1.8
3.4
2.6
0
6
3
4.2
4
1
2
5
7
1.4
2.2
3.0
3.8
Ta=125โ„ƒ
50โ„ƒ
0โ„ƒ
Fig.7 PD vs Ta
Ambient Temperature Ta [หšC]
100
50
10
25
6
125
75
150
8
2
4
0
0
Ambient Temperature Ta [โ„ƒ]
0
150
75
50
-25
100
25
125
80
70
85
55
40
45
75
65
60
VI=VO+1.5V, IO=100mA
T
C
=25ยฐC
Ta=25โ„ƒ
Mounted on a glass
epoxy circuit board
of 25.4*25.4 mm
(at 1oz copper area)
S1117A, VAdj=0


Html Pages

1  2  3  4  5  6 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn