전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S1117AQ 데이터시트(PDF) 2 Page - AUK corp

부품명 S1117AQ
상세설명  Adjustable and Fixed Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

S1117AQ 데이터시트(HTML) 2 Page - AUK corp

  S1117AQ Datasheet HTML 1Page - AUK corp S1117AQ Datasheet HTML 2Page - AUK corp S1117AQ Datasheet HTML 3Page - AUK corp S1117AQ Datasheet HTML 4Page - AUK corp S1117AQ Datasheet HTML 5Page - AUK corp S1117AQ Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-I5A001-000
2
S1117AQ/S1117-xxQ
Absolute Maximum Ratings
[Ta=25
°C]
Characteristic
Symbol
Rating
Unit
Input voltage
VI
16
V
PD1(Note1)
2.8
Power Dissipation
PD2(Note2)
0.8
W
Junction Temperature
TJ
150
°C
Operating temperature range
Topr
0 ~ +125
Storage temperature range
Tstg
-55 ~ +150
°C
Note 1 : Mounted on a glass epoxy circuit board of 25.4 × 25.4mm. (at 1oz copper area)
Note 2 : No Heat sink
Recommended operating conditions
Characteristic
Symbol
Min.
Max.
Unit
Input voltage
VI
VO+1.5V
VO+7V
V
Output current
IO
1
1000
mA
Device Selection Guide
Note 3 : Other fixed versions are available VO=1.5V ~ 5V
Device
Output Voltage
S1117AQ
Adjustable
S1117-15Q
1.50V
S1117-18Q
1.80V
S1117-25Q
2.50V
S1117-285Q
2.85V
S1117-33Q
3.30V
S1117-50Q
5.00V


유사한 부품 번호 - S1117AQ

제조업체부품명데이터시트상세설명
logo
AUK corp
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
More results

유사한 설명 - S1117AQ

제조업체부품명데이터시트상세설명
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
   Adjustable and Fixed Voltage Regulator
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com