전자부품 데이터시트 검색엔진 |
|
S1117-18PIC 데이터시트(PDF) 4 Page - AUK corp |
|
S1117-18PIC 데이터시트(HTML) 4 Page - AUK corp |
4 / 6 page KSD-I0T001-000 4 S1117APIC/S1117-xxPIC ■ Typical Applications Fig. 1 Fixed Voltage Regulator 2 ADJ 1 2 ADJ R × I + ) R R + 1 ( × V = Vo Fig. 2 Adjustable Voltage Regulator V S1117A 10㎌ C (Adjustable Version) R I R I 125Ω (1%) O 225Ω (1%) O C 10㎌ 1 V Vo=3.5V 2 Adj Notes 3: 1) CI needed if device is far from filter capacitors 2) CO minimum value required for stability IADJ R 10㎌ O 10㎌ O S1117-XX V V (Fixed Version) L Adj/GND I C C I |
유사한 부품 번호 - S1117-18PIC |
|
유사한 설명 - S1117-18PIC |