전자부품 데이터시트 검색엔진 |
|
SL432B 데이터시트(PDF) 3 Page - AUK corp |
|
SL432B 데이터시트(HTML) 3 Page - AUK corp |
3 / 5 page KSD-I0A001-002 3 SL432x 1 ref 2 1 ref KA R × I + ) R R + 1 ( × V = V Note. 1. Ambient temperature range: TLOW = -40℃, THigh = 85℃ 2. The deviation parameters △Vref and △Iref are defined as the difference between the maximum value and minimum value obtained over the full operating ambient temperature range that applied. The average temperature coefficient of the reference input voltage, ref V α is defined as: T ∆ ) 10 × ) ℃ 25 = T ( V V ∆ ( = ) ℃ ppm ( V α a 6 a ref ref ref ref V α can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature, refer to Fig. 8 Example : △Vref = 10mV and the slope is positive, △ Vref @ 25℃ = 1.24V △ Ta = 125℃ ℃ / ppm 65 = 125 10 × ) 241 . 1 010 . 0 ( = ) ℃ ppm ( V α 6 ref 3. The dynamic impedance ZKA is defined as: K KA KA I ∆ V ∆ = Ζ When the device is operating with two external resistors, R1 and R2, (refer to Fig.2) the total dynamic impedance of the circuit is given by: ) R R + 1 ( × Ζ = Ζ 2 1 KA ' KA Fig. 1 Test circuit for VKA=Vref Fig. 2 Test circuit for VKA>Vref Fig. 3 Test circuit for IK(off) ∆Vref = Vref Max – Vref Min ∆Ta = T2 – T1 Ambient Temperature KA Input R1 R2 V VKA Input IK(off) Iref Vref IK KA V Input IK |
유사한 부품 번호 - SL432B |
|
유사한 설명 - SL432B |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |