전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSB2336E-G 데이터시트(PDF) 3 Page - AUK corp

부품명 SSB2336E-G
상세설명  High Brightness Chip LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SSB2336E-G 데이터시트(HTML) 3 Page - AUK corp

  SSB2336E-G Datasheet HTML 1Page - AUK corp SSB2336E-G Datasheet HTML 2Page - AUK corp SSB2336E-G Datasheet HTML 3Page - AUK corp SSB2336E-G Datasheet HTML 4Page - AUK corp SSB2336E-G Datasheet HTML 5Page - AUK corp SSB2336E-G Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KSD-O8V020-000
3
SSB2336E-G
*3. Luminous intensity maximum tolerance for each grade classification limit is ±18%
(The test result of IF=20mA is only for reference)
*4. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent
the perceived color of the device.
*5.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
VF / IV Grade Classification (Ta=25℃)
Test Condition @ IF=20mA
Forward Voltage [V]
Luminous Intensity [mcd]
1 : 2.95~3.2
M : 170~230
2 : 3.2~3.4
N : 230~310
3 : 3.4~3.6
O : 310~420
(Do not use to combine grade classification. It must be used separately grade classification)


유사한 부품 번호 - SSB2336E-G

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SSB2336E-G KODENSHI-SSB2336E-G Datasheet
235Kb / 6P
   SMD LED
SSB2336E-GD2 KODENSHI-SSB2336E-GD2 Datasheet
357Kb / 6P
   SMD LED
SSB2336E-GD3 KODENSHI-SSB2336E-GD3 Datasheet
235Kb / 6P
   SMD LED
SSB2336E-GD4 KODENSHI-SSB2336E-GD4 Datasheet
300Kb / 6P
   SMD LED
More results

유사한 설명 - SSB2336E-G

제조업체부품명데이터시트상세설명
logo
AUK corp
SPG2336E-G AUK-SPG2336E-G Datasheet
264Kb / 5P
   High Brightness Chip LED
SW2336E-H AUK-SW2336E-H Datasheet
216Kb / 6P
   High Brightness Chip LED
SY2336-E AUK-SY2336-E Datasheet
206Kb / 5P
   High Brightness Chip LED
SA2336-D AUK-SA2336-D Datasheet
239Kb / 5P
   High Brightness Chip LED
SM2336-E AUK-SM2336-E Datasheet
206Kb / 5P
   High Brightness Chip LED
SA2336-G AUK-SA2336-G Datasheet
239Kb / 5P
   High Brightness Chip LED
SY1216-C AUK-SY1216-C Datasheet
193Kb / 5P
   High Brightness Chip LED
SO2336-G AUK-SO2336-G Datasheet
206Kb / 5P
   High Brightness Chip LED
SY1216-D AUK-SY1216-D Datasheet
193Kb / 5P
   High brightness Chip LED
SPG1316E-H AUK-SPG1316E-H Datasheet
215Kb / 5P
   High Brightness Chip LED
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com