전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM555-2401 데이터시트(PDF) 10 Page - LEDTRONICS, INC

부품명 SM555-2401
상세설명  PCB LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDTRONICS [LEDTRONICS, INC]
홈페이지  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

SM555-2401 데이터시트(HTML) 10 Page - LEDTRONICS, INC

Back Button SM555-2401 Datasheet HTML 4Page - LEDTRONICS, INC SM555-2401 Datasheet HTML 5Page - LEDTRONICS, INC SM555-2401 Datasheet HTML 6Page - LEDTRONICS, INC SM555-2401 Datasheet HTML 7Page - LEDTRONICS, INC SM555-2401 Datasheet HTML 8Page - LEDTRONICS, INC SM555-2401 Datasheet HTML 9Page - LEDTRONICS, INC SM555-2401 Datasheet HTML 10Page - LEDTRONICS, INC SM555-2401 Datasheet HTML 11Page - LEDTRONICS, INC SM555-2401 Datasheet HTML 12Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SURFACE MOUNT DISCRETE LEDs
SURFACE MOUNT PACKAGED LEDs
SMR240
1x5mm RECTANGULAR
SM300
5mm T 1-3/4 TRICOLOR
3mm T1 ROUND
SML070
2mm T 3/4 ROUND
SMRL070
RECTANGULAR
SM555-3XXX
2mm T 3/4 ROUND
SM120
3mm T1 ROUND
SMRV240
SMR280
2x5mm RCTANGULAR
SMRV280
SMS200
5x5mm SQUARE
SMSV200
- BICOLOR LEDs
- SUPER BRIGHT LEDs
- LC = LOW CURRENT 2mA LEDs
- CALL FACTORY FOR DATA SHEETS
ON SURFACE MOUNT PRODUCTS
- BICOLOR LEDs
- SUPER BRIGHT LEDs
- LC = LOW CURRENT 2mA LEDs
- CALL FACTORY FOR DATA SHEETS
ON SURFACE MOUNT PRODUCTS
SPECIALS
SPECIALS
SEE PAGE 8
SEE PAGE 8
SEE PAGE 6
SEE PAGE 8
SEE PAGE 8
SEE PAGE 8
SEE PAGE 8
SEE PAGE 1
SEE PAGE 2
SM200
5mm T 1-3/4 ROUND
SM555-2XXX
2mm T 3/4 ROUND
L080-011
2mm T 3/4 ROUND
SM110
L080-021
L080-031
SMV200
SMR210
2.5x5mm RECTANGULAR
SMRV210
9
+
+
SEE PAGE 1
SEE PAGE 5
SEE PAGE 5
SEE PAGE 8
SEE PAGE 8


유사한 부품 번호 - SM555-2401

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
SM55 SUMIDA-SM55 Datasheet
52Kb / 2P
   RF Coils
logo
Pletronics, Inc.
SM55-18 PLETRONICS-SM55-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
logo
Silicon Mitus, Inc.
SM5508A SILICONMITUS-SM5508A Datasheet
748Kb / 2P
   Embedded Protocol MUIC for Accessory Detection
November 2021 Rev0.0.8
logo
Leshan Radio Company
SM550A LRC-SM550A Datasheet
166Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM550A-E LRC-SM550A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results

유사한 설명 - SM555-2401

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com