전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM555-3101 데이터시트(PDF) 7 Page - LEDTRONICS, INC

부품명 SM555-3101
상세설명  PCB LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDTRONICS [LEDTRONICS, INC]
홈페이지  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

SM555-3101 데이터시트(HTML) 7 Page - LEDTRONICS, INC

Back Button SM555-3101 Datasheet HTML 3Page - LEDTRONICS, INC SM555-3101 Datasheet HTML 4Page - LEDTRONICS, INC SM555-3101 Datasheet HTML 5Page - LEDTRONICS, INC SM555-3101 Datasheet HTML 6Page - LEDTRONICS, INC SM555-3101 Datasheet HTML 7Page - LEDTRONICS, INC SM555-3101 Datasheet HTML 8Page - LEDTRONICS, INC SM555-3101 Datasheet HTML 9Page - LEDTRONICS, INC SM555-3101 Datasheet HTML 10Page - LEDTRONICS, INC SM555-3101 Datasheet HTML 11Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SINGLE LEVEL BICOLOR T1 [5mm] LEDs
.280
.355
.295
.248
.266
.100 TYP
.100
1
1 23
2
.183
.190
BICOLOR
.260
.150
.200
.325
.248
.140
.500 MIN
[8.3]
[6.3]
[3.6]
[12.7]
[7.1]
[9.0]
[7.5]
[6.3]
[6.8]
[2.6]
TRICOLOR WITHOUT TAB
TRICOLOR WITH TAB
[2.6]
[4.6]
[4.8]
[6.6]
[3.8]
[5.1]
PCT200
PC300-T
PCT300
SI
SO
12PCT200
Options
6
RED
YELLOW
RED
RED
RED
YELLOW
YELLOW
YELLOW
COLOR
TWRG4B-3C
TWYG4B
TWRG4B
TWRG4B-3A
TWYG4B-3C
TWYG4B-3A
TWRY4B-3C
CODE
2.0/2.8
2.1/2.8
2.0/2.8
2.0/2.8
2.0/2.8
2.1/2.8
2.1/2.8
2.1/2.8
Vf
3.0/6.0
RED +
CC -
GRN +
2.5/5.0
YLW +
GRN +
-----
3.0/6.0
RED +
GRN +
-----
3.0/6.0
CA +
RED -
GRN -
3.0/6.0
RED +
CC -
YLW +
2.5/5.0
YLW +
CC -
GRN +
2.5/5.0
CA +
YLW -
GRN -
2.5/5.0
Iv mcd
PIN 1
PIN 2
PIN 3
20/30
20/30
20/30
20/30
20/30
20/30
20/30
20/30
mA
GREEN
GREEN
GREEN
GREEN
GREEN
GREEN
2.1/2.8
2.1/2.8
2.1/2.8
2.1/2.8
2.1/2.8
2.1/2.8
3.0/6.0
3.0/6.0
3.0/6.0
3.0/6.0
3.0/6.0
3.0/6.0
20/30
20/30
20/30
20/30
20/30
20/30
.125
.125
.125
.178
.266
[3.2]
SNAP IN
STAND OFF
[3.2]
[3.2]
[4.5]
[6.8]
3/
4
.355
.375
.248
.295
.514
.762
1.010
.100
.100 TYP
.050
.100
1
1
2
2
3
3
.190
.256
TRICOLOR
.200
.295
.248
.300
.500 MIN
.140
[6.3]
[7.6]
[12.7]
[3.6]
[9.0]
[9.5]
[6.3]
[7.5]
[13.1]
[19.4]
[25.7]
[2.6]
[2.6]
TRICOLOR
[1.3]
[2.6]
[4.8]
[6.5]
ALSO AVAILABLE FOR PCT200-3C / 3A
[5.1]
[7.5]
PCT200-3C / 3A
PCT300
13PCT200
14PCT200
Arrays
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
- REVERSE MIDDLE TWO COLOR CHARACTERS FOR
REVERSE COLOR COMBINATION
- 3C IS COMMON CATHODE
- 3A IS COMMON ANODE
SAMPLE PART NUMBER:
LED COLOR
PCT200TWXX4B-3C
SPECIALS
.125
.178
[3.2]
[4.5]


유사한 부품 번호 - SM555-3101

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
SM55 SUMIDA-SM55 Datasheet
52Kb / 2P
   RF Coils
logo
Pletronics, Inc.
SM55-18 PLETRONICS-SM55-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
logo
Silicon Mitus, Inc.
SM5508A SILICONMITUS-SM5508A Datasheet
748Kb / 2P
   Embedded Protocol MUIC for Accessory Detection
November 2021 Rev0.0.8
logo
Leshan Radio Company
SM550A LRC-SM550A Datasheet
166Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM550A-E LRC-SM550A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results

유사한 설명 - SM555-3101

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com