전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK1040F 데이터시트(PDF) 3 Page - AUK corp

부품명 STK1040F
상세설명  Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

STK1040F 데이터시트(HTML) 3 Page - AUK corp

  STK1040F Datasheet HTML 1Page - AUK corp STK1040F Datasheet HTML 2Page - AUK corp STK1040F Datasheet HTML 3Page - AUK corp STK1040F Datasheet HTML 4Page - AUK corp STK1040F Datasheet HTML 5Page - AUK corp STK1040F Datasheet HTML 6Page - AUK corp STK1040F Datasheet HTML 7Page - AUK corp STK1040F Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T0O009-000
3
STK1040F
Electrical Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250µA, VGS=0
400
-
-
V
Gate threshold voltage
VGS(th)
ID=250µA, VDS= VGS
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=400V, VGS=0V
-
-
1
µA
Gate leakage current
IGSS
VDS=0V, VGS=±30V
-
-
±100
nA
Drain-source on-resistance
RDS(ON)
VGS=10V, ID=5.0A
-
0.46
0.53
Forward transfer conductance
gfs
VDS=10V, ID=5.0A
-
6.2
-
S
Input capacitance
Ciss
-
950
1430
Output capacitance
Coss
-
120
180
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V
f=1MHz
-
12
18
pF
Turn-on delay time
td(on)
-
14
-
Rise time
tr
-
89
-
Turn-off delay time
td(off)
-
81
-
Fall time
tf
VDD=200V, ID=10A
RG=25Ω
-
81
-
ns
Total gate charge
Qg
-
28
42
Gate-source charge
Qgs
-
4
6
Gate-drain charge
Qgd
VDS=200V, VGS=10V
ID=10A
-
15
23
nC
Source-Drain Diode Ratings and Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Source current (DC)
IS
-
-
10
Source current (Pulsed)
ISM
Integral reverse diode
in the MOSFET
-
-
40
A
Forward voltage
VSD
VGS=0V, IS=10A
-
-
1.4
V
Reverse recovery time
trr
-
290
-
ns
Reverse recovery charge
Qrr
Is=10A, VGS=0,
diS/dt=100A/ us
-
5.04
-
uC
Note ;
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
L=6.6mH, IAS=10A, VDD=50V, RG=27Ω
Pulse Test : Pulse Width< 300us, Duty cycle≤ 2%
Essentially independent of operating temperature


유사한 부품 번호 - STK1040F

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK1040 ETC-STK1040 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
logo
AUK corp
STK1040P AUK-STK1040P Datasheet
497Kb / 8P
   Advanced Power MOSFET
More results

유사한 설명 - STK1040F

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com