전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4004G 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 1N4004G
상세설명  Rectifiers(Rugged glass package, using a high temperature alloyed construction)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4004G 데이터시트(HTML) 1 Page - NXP Semiconductors

  1N4004G Datasheet HTML 1Page - NXP Semiconductors 1N4004G Datasheet HTML 2Page - NXP Semiconductors 1N4004G Datasheet HTML 3Page - NXP Semiconductors 1N4004G Datasheet HTML 4Page - NXP Semiconductors 1N4004G Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
Product specification
Supersedes data of April 1992
1996 May 24
DISCRETE SEMICONDUCTORS
1N4001G to 1N4007G
Rectifiers
handbook, 2 columns
M3D116


유사한 부품 번호 - 1N4004G

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
1N4004G GULFSEMI-1N4004G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Won-Top Electronics
1N4004G WTE-1N4004G Datasheet
53Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
1N4004G CHENDA-1N4004G Datasheet
667Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Leshan Radio Company
1N4004G LRC-1N4004G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
logo
List of Unclassifed Man...
1N4004G ETC-1N4004G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

유사한 설명 - 1N4004G

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060_15 Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
MADP-042XX8-1306X MA-COM-MADP-042XX8-1306X Datasheet
650Kb / 5P
   Rugged Silicon-Glass Construction
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
   rugged construction
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
   Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
   Rugged Construction
logo
Ohmite Mfg. Co.
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
   Durable, rugged construction
logo
Ultralife Corporation.
UBBL03 ULTRALIFE-UBBL03 Datasheet
501Kb / 2P
   Rugged case construction
Rev: L
logo
List of Unclassifed Man...
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
   Durable, rugged construction
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com