전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMPSH05-4 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 CMPSH05-4
상세설명  SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPSH05-4 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  CMPSH05-4 Datasheet HTML 1Page - Central Semiconductor Corp CMPSH05-4 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
500
mA
Peak Repetitive Forward Current, tp
≤ 1ms
IFRM
3.5
A
Forward Surge Current, tp=8ms
IFSM
10
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS:
(TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR= 10V
20
µA
IR
VR= 30V
100
µA
BVR
IR= 500µA40
V
VF
IF= 100µA
0.13
V
VF
IF= 1.0mA
0.21
V
VF
IF= 10mA
0.27
V
VF
IF= 100mA
0.35
V
VF
IF= 500mA
0.47
V
CT
VR= 1.0V, f=1.0 MHz
50
pF
CMPSH05-4
SURFACE MOUNT
HIGH CURRENT, LOW VF
SILICON SCHOTTKY DIODE
SOT-23 CASE
Central
Semiconductor Corp.
TM
R0 (13-September 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CMPSH05-4 is a HIGH CURRENT, LOW VF
40 volt Schottky Diode packaged in a space saving
SOT-23 surface mount case. This device has been
designed for small signal general purpose
applications when small size and operational
efficiency are prime requirements.
SPECIFICATIONS:
• Low VF = 0.35V max @ 100mA
• VRRM = 40V
• IF = 500mA
MARKING CODE: C054


유사한 부품 번호 - CMPSH05-4

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMPSH05-4C CENTRAL-CMPSH05-4C Datasheet
112Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMPSH05-4C CENTRAL-CMPSH05-4C_10 Datasheet
344Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMPSH05-4C CENTRAL-CMPSH05-4C_15 Datasheet
344Kb / 2P
   HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMPSH05-4 CENTRAL-CMPSH05-4_10 Datasheet
328Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMPSH05-4 CENTRAL-CMPSH05-4_15 Datasheet
328Kb / 2P
   HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
More results

유사한 설명 - CMPSH05-4

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMDSH2-4L CENTRAL-CMDSH2-4L_10 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMUSH2-4L CENTRAL-CMUSH2-4L_15 Datasheet
488Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMPSH05-4 CENTRAL-CMPSH05-4_10 Datasheet
328Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMUSH2-4L CENTRAL-CMUSH2-4L_10 Datasheet
477Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMUSHW2-4L CENTRAL-CMUSHW2-4L_15 Datasheet
622Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMOSH2-4L CENTRAL-CMOSH2-4L_10 Datasheet
344Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMUSHW2-4L CENTRAL-CMUSHW2-4L Datasheet
611Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMOSH2-4L CENTRAL-CMOSH2-4L Datasheet
108Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMUSH05-4 CENTRAL-CMUSH05-4_15 Datasheet
425Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMUSH05-4 CENTRAL-CMUSH05-4 Datasheet
124Kb / 2P
   SURFACE MOUNT ULTRAmini HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com