전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1PS88SB82 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 1PS88SB82
상세설명  Schottky barrier triple diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS88SB82 데이터시트(HTML) 4 Page - NXP Semiconductors

  1PS88SB82 Datasheet HTML 1Page - NXP Semiconductors 1PS88SB82 Datasheet HTML 2Page - NXP Semiconductors 1PS88SB82 Datasheet HTML 3Page - NXP Semiconductors 1PS88SB82 Datasheet HTML 4Page - NXP Semiconductors 1PS88SB82 Datasheet HTML 5Page - NXP Semiconductors 1PS88SB82 Datasheet HTML 6Page - NXP Semiconductors 1PS88SB82 Datasheet HTML 7Page - NXP Semiconductors 1PS88SB82 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Feb 16
4
Philips Semiconductors
Product specification
Schottky barrier triple diode
1PS88SB82
GRAPHICAL DATA
handbook, halfpage
1.6
0
(3)
0.4
0.8
1.2
VF (V)
IF
(mA)
103
102
10
1
MLD549
(1)
(2)
(1)
(2)
(3)
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
15
10
VR (V)
IR
(
µA)
5
0
(3)
MLD550
103
102
10
1
10−1
10−2
(1)
(2)
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
010
1.2
0
0.4
0.6
0.8
1
2
Cd
(pF)
VR (V)
46
8
MLD551
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.
handbook, halfpage
103
102
10
1
MLD552
10−1
1
IF (mA)
rD
(
Ω)
10
102
Fig.5
Differential diode forward resistance as a
function of forward current; typical values.
f = 1 MHz; Tamb =25 °C.


유사한 부품 번호 - 1PS88SB82

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS88SB82 PHILIPS-1PS88SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS88SB82 NXP-1PS88SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS88SB82 NXP-1PS88SB82 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS88SB82 NEXPERIA-1PS88SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
More results

유사한 설명 - 1PS88SB82

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BAT754L KEXIN-BAT754L Datasheet
37Kb / 1P
   Schottky Barrier Triple Diode
logo
NXP Semiconductors
BAT754L PHILIPS-BAT754L Datasheet
53Kb / 8P
   Schottky barrier triple diode
2001 Jan 18
logo
Nexperia B.V. All right...
BAT54VY-Q NEXPERIA-BAT54VY-Q Datasheet
197Kb / 8P
   Schottky barrier triple diode
20 April 2023
logo
NXP Semiconductors
BAT754L NXP-BAT754L Datasheet
190Kb / 7P
   Schottky barrier triple diode
2001 Jan 18
logo
Nexperia B.V. All right...
BAT754L NEXPERIA-BAT754L Datasheet
1Mb / 9P
   Schottky barrier triple diode
22 November 2012
logo
NXP Semiconductors
BAT54VV PHILIPS-BAT54VV Datasheet
49Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 01-14 September 2004
BAT54VV PHILIPS-BAT54VV_15 Datasheet
115Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 02-15 January 2010
logo
Nexperia B.V. All right...
BAT54VV NEXPERIA-BAT54VV Datasheet
181Kb / 8P
   Schottky barrier triple diode in ultra small SOT666 package
27 December 2022
logo
ON Semiconductor
NSR15TW1 ONSEMI-NSR15TW1 Datasheet
46Kb / 4P
   Triple RF Schottky Diode
February, 2002 ??Rev. 1
logo
Nexperia B.V. All right...
BAS70VY-Q NEXPERIA-BAS70VY-Q Datasheet
209Kb / 8P
   General-purpose triple Schottky diode
20 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com