전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2905 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 2N2905
상세설명  PNP switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2905 데이터시트(HTML) 2 Page - NXP Semiconductors

  2N2905 Datasheet HTML 1Page - NXP Semiconductors 2N2905 Datasheet HTML 2Page - NXP Semiconductors 2N2905 Datasheet HTML 3Page - NXP Semiconductors 2N2905 Datasheet HTML 4Page - NXP Semiconductors 2N2905 Datasheet HTML 5Page - NXP Semiconductors 2N2905 Datasheet HTML 6Page - NXP Semiconductors 2N2905 Datasheet HTML 7Page - NXP Semiconductors 2N2905 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 May 28
2
Philips Semiconductors
Product specification
PNP switching transistors
2N2905; 2N2905A
FEATURES
• High current (max. 600 mA)
• Low voltage (max. 60 V).
APPLICATIONS
• High-speed switching
• Driver applications for industrial service.
DESCRIPTION
PNP switching transistor in a TO-39 metal package.
NPN complements: 2N2219 and 2N2219A.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1
Simplified outline (TO-39) and symbol.
handbook, halfpage
3
1
2
MAM318
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−60
V
VCEO
collector-emitter voltage
open base
2N2905
−−40
V
2N2905A
−−60
V
IC
collector current (DC)
−−600
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
600
mW
hFE
DC current gain
IC = −150 mA; VCE = −10 V
100
300
fT
transition frequency
IC = −50 mA; VCE = −20 V; f = 100 MHz
200
MHz
toff
turn-off time
ICon = −150 mA; IBon = −15 mA; IBoff =15mA
300
ns


유사한 부품 번호 - 2N2905

제조업체부품명데이터시트상세설명
logo
Semicoa Semiconductor
2N2905 SEMICOA-2N2905 Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
Comset Semiconductor
2N2905 COMSET-2N2905 Datasheet
80Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Siemens Semiconductor G...
2N2905 SIEMENS-2N2905 Datasheet
173Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
2N2905 CDIL-2N2905 Datasheet
80Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Microsemi Corporation
2N2905 MICROSEMI-2N2905 Datasheet
57Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
More results

유사한 설명 - 2N2905

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
   PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
   PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
   PNP switching transistors
1999 Apr 15
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2906 PHILIPS-2N2906 Datasheet
52Kb / 8P
   PNP switching transistors
1997 Jun 02
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
   PNP switching transistors
1997 Jun 18
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
   PNP Switching Transistors
logo
Comset Semiconductor
2N5679 COMSET-2N5679 Datasheet
79Kb / 3P
   PNP SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com