전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS5D 데이터시트(PDF) 1 Page - EIC discrete Semiconductors

부품명 SS5D
상세설명  SURFACE MOUNT SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SS5D 데이터시트(HTML) 1 Page - EIC discrete Semiconductors

  SS5D Datasheet HTML 1Page - EIC discrete Semiconductors SS5D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS5A - SS5M
SURFACE MOUNT
SUPER FAST RECTIFIERS
PRV : 50 - 1000 Volts
Io : 5.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Super fast recovery time
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.21 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SS5A SS5B SS5C SS5D
SS5E
SS5G
SS5J
SS5K SS5M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
800
1000
V
Maximum Average Forward Current
Ta = 55
°C
IF(AV)
5.0
A
Maximum Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 5.0 A.
VF
0.95
V
Maximum DC Reverse Current
Tj = 25
°C
IR
10
at Rated DC Blocking Voltage
Tj = 100
°C
IR(H)
500
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 05 : March 25, 2005
RATING
IFSM
135
µA
A
1.7
4.0
SMC (DO-214AB)
Dimensions in inches and (millimeter)
0.245(6.22)
0.121(3.07)
0.115(2.92)
0.220(5.59)
0.012(0.305)
0.103(2.62)
0.060(1.52)
0.079(2.00)
0.006(0.152)
0.030(0.76)
0.008(0.203)
0.004(0.102)


유사한 부품 번호 - SS5D

제조업체부품명데이터시트상세설명
logo
SynSemi, Inc.
SS5D SYNSEMI-SS5D Datasheet
39Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SUNMATE electronic Co.,...
SS5D SUNMATE-SS5D Datasheet
330Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
DATEL, Inc.
SS5D12-0.08 DATEL-SS5D12-0.08 Datasheet
146Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹12 Volts Output
SS5D15-0.06 DATEL-SS5D15-0.06 Datasheet
145Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹15 Volts Output
SS5D5-0.2 DATEL-SS5D5-0.2 Datasheet
165Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹5 Volts Output
More results

유사한 설명 - SS5D

제조업체부품명데이터시트상세설명
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS2A EIC-SS2A_05 Datasheet
40Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
   Surface Mount Super Fast Rectifiers
logo
SynSemi, Inc.
SSOA SYNSEMI-SSOA Datasheet
35Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
ES3A SEMTECH_ELEC-ES3A Datasheet
236Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
   super fast surface mount rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com