전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT126D 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74ABT126D
상세설명  Quad buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT126D 데이터시트(HTML) 2 Page - NXP Semiconductors

  74ABT126D Datasheet HTML 1Page - NXP Semiconductors 74ABT126D Datasheet HTML 2Page - NXP Semiconductors 74ABT126D Datasheet HTML 3Page - NXP Semiconductors 74ABT126D Datasheet HTML 4Page - NXP Semiconductors 74ABT126D Datasheet HTML 5Page - NXP Semiconductors 74ABT126D Datasheet HTML 6Page - NXP Semiconductors 74ABT126D Datasheet HTML 7Page - NXP Semiconductors 74ABT126D Datasheet HTML 8Page - NXP Semiconductors 74ABT126D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT126
Quad buffer (3-State)
2
1998 Jan 16
853–1607 18867
FEATURES
Quad bus interface
3-State buffers
Live insertion/extraction permitted
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
Power-up 3-State
Inputs are disabled during 3-State mode
DESCRIPTION
The 74ABT126 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT126 device is a quad buffer that is ideal for driving bus
lines. The device features four Output Enables (OE0, OE1, OE2,
OE3), each controlling one of the 3-State outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Yn
CL = 50pF; VCC = 5V
2.9
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled; VO =
0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
65
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic DIP
–40
°C to +85°C
74ABT126 N
74ABT126 N
SOT27-1
14-Pin plastic SO
–40
°C to +85°C
74ABT126 D
74ABT126 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT126 DB
74ABT126 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT126 PW
74ABT126PW DH
SOT402-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 5, 9, 12
A0 – A3
Data inputs
3, 6, 8, 11
Y0 – Y3
Data outputs
1, 4, 10, 13
OE0 – OE3
Output enable inputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
PIN CONFIGURATION
OE0
A0
Y0
OE1
A1
Y1
GND
Y2
A2
OE2
Y3
A3
OE3
VCC
1
2
3
4
5
6
78
9
10
11
12
13
14
SA00031
LOGIC SYMBOL
2
3
Y0
OE0
1
5
6
Y1
OE1
4
9
8
Y2
OE2
10
12
11
Y3
13
A0
A1
A2
A3
SA00032
OE3


유사한 부품 번호 - 74ABT126D

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ABT126D NEXPERIA-74ABT126D Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
More results

유사한 설명 - 74ABT126D

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com