전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT16244A 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74ABT16244A
상세설명  16-bit buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16244A 데이터시트(HTML) 3 Page - NXP Semiconductors

  74ABT16244A Datasheet HTML 1Page - NXP Semiconductors 74ABT16244A Datasheet HTML 2Page - NXP Semiconductors 74ABT16244A Datasheet HTML 3Page - NXP Semiconductors 74ABT16244A Datasheet HTML 4Page - NXP Semiconductors 74ABT16244A Datasheet HTML 5Page - NXP Semiconductors 74ABT16244A Datasheet HTML 6Page - NXP Semiconductors 74ABT16244A Datasheet HTML 7Page - NXP Semiconductors 74ABT16244A Datasheet HTML 8Page - NXP Semiconductors 74ABT16244A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16244A
74ABTH16244A
16-bit buffer/line driver (3-State)
1998 Oct 07
3
LOGIC SYMBOL (IEEE/IEC)
48
EN1
1
46
44
43
41
40
38
37
36
EN2
EN3
EN4
1
2
1
3
1
4
1
1
25
24
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
SH00088
1OE
2OE
3OE
4OE
1A0
1A1
1A2
1A3
2A0
2A1
2A2
3A0
3A1
3A2
3A3
4A0
4A1
4A2
4A3
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
3Y0
3Y1
3Y2
3Y3
4Y0
4Y3
2A3
4Y1
4Y2
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y0
1Y1
GND
1Y2
1Y3
2Y0
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
3Y4
VCC
4Y0
VCC
3Y2
4Y1
GND
4Y3
4OE
4Y2
2OE
1A0
1A1
GND
1A2
1A3
2A0
2A1
GND
2A2
2A3
3A0
3A1
GND
3A3
VCC
4A0
VCC
3A2
4A1
GND
4A3
3OE
4A2
SA00013
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
47, 46, 44, 43
41, 40, 38, 37
36, 35, 33, 32
30, 29, 27, 26
1A0 – 1A3,
2A0 – 2A3,
3A0 – 3A3,
4A0 – 4A3
Data inputs
2, 3, 5, 6
8, 9, 11, 12
13, 14, 16, 17
19, 20, 22, 23
1Y0 – 1Y3,
2Y0 – 2Y3,
3Y0 – 3Y3,
4Y0 – 4Y3
Data outputs
1, 48
25, 24
1OE, 2OE,
3OE, 4OE
Output enables
4, 10, 15, 21
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUTS
nOE
nAx
nYx
L
L
L
L
H
H
H
X
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off” state


유사한 부품 번호 - 74ABT16244A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT16244A NXP-74ABT16244A Datasheet
87Kb / 13P
   16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
logo
Nexperia B.V. All right...
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
NXP Semiconductors
74ABT16244ADGG NXP-74ABT16244ADGG Datasheet
87Kb / 13P
   16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
logo
Nexperia B.V. All right...
74ABT16244ADGG NEXPERIA-74ABT16244ADGG Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
Texas Instruments
74ABT16244ADGGRG4 TI-74ABT16244ADGGRG4 Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ABT16244A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
   16-bit buffer/line driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
NXP Semiconductors
74ABT16244A NXP-74ABT16244A Datasheet
87Kb / 13P
   16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
74LVCH16541A PHILIPS-74LVCH16541A_15 Datasheet
168Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 3-15 February 2012
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com