전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF630N 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 IRF630N
상세설명  N-Channel Power MOSFETs 200V, 9.3A, 0.30?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF630N 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  IRF630N Datasheet HTML 1Page - Fairchild Semiconductor IRF630N Datasheet HTML 2Page - Fairchild Semiconductor IRF630N Datasheet HTML 3Page - Fairchild Semiconductor IRF630N Datasheet HTML 4Page - Fairchild Semiconductor IRF630N Datasheet HTML 5Page - Fairchild Semiconductor IRF630N Datasheet HTML 6Page - Fairchild Semiconductor IRF630N Datasheet HTML 7Page - Fairchild Semiconductor IRF630N Datasheet HTML 8Page - Fairchild Semiconductor IRF630N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
January 2002
Rev. B
IRF630N/IRF630NS/IRF630NL
N-Channel Power MOSFETs
200V, 9.3A, 0.30
Features
• Ultra Low On-Resistance
-rDS(ON) = 0.200Ω (Typ), VGS = 10V
• Simulation Models
- Temperature Compensated PSPICE® and SABER©
Electrical Models
- Spice and SABER© Thermal Impedance Models
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
200
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
9.3
A
Continuous (TC = 25
oC, V
GS = 10V)
Continuous (TC = 100
oC, V
GS = 10V)
6.5
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
94
mJ
PD
Power dissipation
Derate above 25oC
82
0.55
W
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-220, TO-262, TO-263
1.83
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-220, TO-262, TO-263
62
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263, 1in2 copper pad area
40
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
630N
IRF630NS
TO-263AB
330mm
24mm
800 units
630N
IRF630NL
TO-262AA
Tube
N/A
50
630N
IRF630N
TO-220AB
Tube
N/A
50
D
G
S
TO-220
GATE
SOURCE
DRAIN
(FLANGE)
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
DRAIN
SOURCE
GATE
DRAIN
(FLANGE)
TO-262
TO-263


유사한 부품 번호 - IRF630N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF630N IRF-IRF630N Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
IRF630N IRF-IRF630N Datasheet
240Kb / 11P
   HEXFET Power MOSFET
logo
TRANSYS Electronics Lim...
IRF630N TEL-IRF630N Datasheet
173Kb / 2P
   Power MOSFET
logo
Inchange Semiconductor ...
IRF630N ISC-IRF630N Datasheet
119Kb / 2P
   isc N-Channel MOSFET Transistor
logo
New Jersey Semi-Conduct...
IRF630N NJSEMI-IRF630N Datasheet
74Kb / 2P
   N-Channel MOSFET Transistor
More results

유사한 설명 - IRF630N

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MSL03N20 BWTECH-MSL03N20 Datasheet
584Kb / 6P
   200V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK03N20T FS-FTK03N20T Datasheet
917Kb / 5P
   200V N-Channel MOSFETs
logo
Fairchild Semiconductor
2N6765 FAIRCHILD-2N6765 Datasheet
142Kb / 5P
   N-Channel Power MOSFETs, 30A, 150V/200V
IRF610-613 FAIRCHILD-IRF610-613 Datasheet
148Kb / 5P
   N-Channel Power MOSFETs, 3.5A, 150-200V
IRF640N FAIRCHILD-IRF640N Datasheet
160Kb / 11P
   N-Channel Power MOSFETs 200V, 18A, 0.15ohm
logo
Unisonic Technologies
UF630 UTC-UF630 Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF220-223 FAIRCHILD-IRF220-223 Datasheet
165Kb / 5P
   N-Channel Power MOSFETs, 7A, 150-200V
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
   N-Channel Power MOSFETs, 9A, 150V/200V
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com