전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT16500CDGG 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74ABT16500CDGG
상세설명  18-bit universal bus transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16500CDGG 데이터시트(HTML) 4 Page - NXP Semiconductors

  74ABT16500CDGG Datasheet HTML 1Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 2Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 3Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 4Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 5Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 6Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 7Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 8Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16500C
74ABTH16500C
18-bit universal bus transceiver (3-State)
1998 Feb 27
4
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OEAB
A-to-B Output enable input
27
OEBA
B-to-A Output enable input (active low)
2, 28
LEAB/LEBA
A-to-B/B-to-A Latch enable input
55,30
CPAB/CPBA
A-to-B/B-to-A Clock input (active falling edge)
3, 5, 6, 8, 9, 10, 12, 13, 14, 15,
16, 17, 19, 20, 21, 23, 24, 26
A0-A17
Data inputs/outputs (A side)
54, 52, 51, 49, 48, 47, 45, 44, 43,
42, 41, 40, 38, 37, 36, 34, 33, 31
B0-B17
Data inputs/outputs (B side)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
Internal
OUTPUTS
OPERATING MODE
OEAB
LEAB
CPAB
An
Registers
Bn
L
H
X
X
X
Z
Disabled
L
X
h
H
Z
Disabled Latch data
L
X
I
L
Z
Disabled, Latch data
L
L
H or L
X
NC
Z
Disabled, Hold data
L
L
h
H
Z
Disabled Clock data
L
L
I
L
Z
Disabled, Clock data
H
H
X
H
H
H
Transparent
H
H
X
L
L
L
Transparent
H
X
h
H
H
Latch data & display
H
X
I
L
L
Latch data & display
H
L
h
H
H
Clock data & display
H
L
I
L
L
Clock data & display
H
L
H or L
X
H
H
Hold data & display
H
L
H or L
X
L
L
Hold data & display
NOTE: A-to-B data flow is shown; B-to-A flow is similar but uses OEBA, LEBA, and CPBA.
H = High voltage level
h
= High voltage level one set-up time prior to the Enable or Clock transition
L
= Low voltage level
I
= Low voltage level one set-up time prior to the Enable or Clock transition
NC= No Change
X = Don’t care
Z = High Impedance “off ” state
↓ = High-to-Low Enable or Clock transition


유사한 부품 번호 - 74ABT16500CDGG

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT16500CMTD FAIRCHILD-74ABT16500CMTD Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
74ABT16500CSSC FAIRCHILD-74ABT16500CSSC Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results

유사한 설명 - 74ABT16500CDGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com