전자부품 데이터시트 검색엔진 |
|
74ABT16501ADL 데이터시트(PDF) 10 Page - NXP Semiconductors |
|
74ABT16501ADL 데이터시트(HTML) 10 Page - NXP Semiconductors |
10 / 13 page Philips Semiconductors Product specification 74ABT16501A 74ABTH16501A 18-bit universal bus transceiver (3-State) 1998 Feb 27 10 AC WAVEFORMS (Continued) VM = 1.5V, VIN = GND to 3.0V tPLH tPHL tW(H) VM VM VM VM VM LEAB or LEBA An or Bn VOH VOL SA00133 Waveform 3. Propagation Delay, Enable to Output, and Enable Pulse Width VM VM VM VM VM VM An or Bn CPAB or CPBA, LEAB or LEBA tS(H) th(H) tS(L) th(L) SA00134 Note: The shaded areas indicate when the input is permitted to change for predictable output performance. Waveform 4. Data Setup and Hold Times OEBA OEAB An or Bn VM VM VM tPZH tPHZ VOH VOH –0.3V SA00135 Waveform 5. 3-State Output Enable Time to High Level and Output Disable Time from High Level VOL OEBA OEAB VM VM tPZL tPLZ VM An or Bn VOL +0.3V SA00136 Waveform 6. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level TEST CIRCUIT AND WAVEFORMS PULSE GENERATOR RT VIN D.U.T. VOUT RL VCC RL 7.0V Test Circuit for 3-State Outputs VM VM tW AMP (V) NEGATIVE PULSE 10% 10% 90% 90% 0V VM VM tW AMP (V) POSITIVE PULSE 90% 90% 10% 10% 0V tTHL (tF) tTLH (tR)tTHL (tF) tTLH (tR) VM = 1.5V Input Pulse Definition DEFINITIONS RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators. INPUT PULSE REQUIREMENTS FAMILY Amplitude Rep. Rate tW tR tF 74ABT/H16 3.0V 1MHz 500ns 2.5ns 2.5ns SWITCH POSITION TEST SWITCH tPLZ closed tPZL closed All other open SA00018 CL |
유사한 부품 번호 - 74ABT16501ADL |
|
유사한 설명 - 74ABT16501ADL |