전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABTH16821ADL 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74ABTH16821ADL
상세설명  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16821ADL 데이터시트(HTML) 5 Page - NXP Semiconductors

  74ABTH16821ADL Datasheet HTML 1Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 2Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 3Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 4Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 5Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 6Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 7Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 8Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16821A
74ABTH16821A
20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
1998 Feb 27
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = -40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = -18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = -3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = -3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = -32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.36
0.55
0.55
V
VRST
Power-up output voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = VCC or GND
±0.01
±1.0
±1.0
µA
II
In ut leakage current
VCC = 5.5V VI = VCC or GND
±0.01
±1.0
±1.0
µA
VCC = 5.5V; VI = VCC or GND
Control pins
±0.01
±1
±1
µA
II
Input leakage current
74ABTH16821A
VCC = 5.5V; VI = VCC
Data pins
0.01
1
1
µA
74ABTH16821A
VCC = 5.5V; VI = 0
Data pins
–1
–3
–5
µA
B
H ld
t i
t 5
VCC = 4.5V; VI = 0.8V
35
35
IHOLD
Bus Hold current inputs5
74ABTH16821A
VCC = 4.5V; VI = 2.0V
–75
–75
µA
VCC = 5.5V; VI = 0 to 5.5V
±800
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/PD
Power-up/down 3-State
output current4
VCC = 2.1V; VO = 0.5V; VI = GND or VCC;
VOE = Don’t care
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
1.0
10
10
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–1.0
–10
–10
µA
ICEX
Output High leakage
current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–90
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
0.5
1
1
mA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
10
19
19
mA
ICCZ
VCC = 5.5V; Outputs 3-State; VI = GND or VCC
0.5
1
1
mA
∆ICC
Additional supply current
per input pin2
VCC = 5.5V; one input at 3.4V, other inputs at
VCC or GND
0.25
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0V and 2.1V with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V a transition
time of up to 100
µsec is permitted.
5. This is the bus hold overdrive current required to force the input to the opposite logic state.


유사한 부품 번호 - 74ABTH16821ADL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABTH16823A PHILIPS-74ABTH16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADGG PHILIPS-74ABTH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADL PHILIPS-74ABTH16823ADL Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16827A PHILIPS-74ABTH16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ABTH16827ADGG PHILIPS-74ABTH16827ADGG Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
More results

유사한 설명 - 74ABTH16821ADL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
logo
Nexperia B.V. All right...
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
logo
NXP Semiconductors
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16821 NEXPERIA-74ALVT16821 Datasheet
218Kb / 16P
   20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 22 January 2018
logo
NXP Semiconductors
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
logo
Nexperia B.V. All right...
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
   20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
   2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com