전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS841E18AB-150I 데이터시트(PDF) 5 Page - GSI Technology

부품명 GS841E18AB-150I
상세설명  256K x 18 Sync Cache Tag
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS841E18AB-150I 데이터시트(HTML) 5 Page - GSI Technology

  GS841E18AB-150I Datasheet HTML 1Page - GSI Technology GS841E18AB-150I Datasheet HTML 2Page - GSI Technology GS841E18AB-150I Datasheet HTML 3Page - GSI Technology GS841E18AB-150I Datasheet HTML 4Page - GSI Technology GS841E18AB-150I Datasheet HTML 5Page - GSI Technology GS841E18AB-150I Datasheet HTML 6Page - GSI Technology GS841E18AB-150I Datasheet HTML 7Page - GSI Technology GS841E18AB-150I Datasheet HTML 8Page - GSI Technology GS841E18AB-150I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
GS841E18AT/B-180/166/150/130/100
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 4/2005
5/21
© 2001, GSI Technology
PBGA Pin Description
Symbol
Description
An
Address Input Signals—Inputs are registered and must meet setup and hold times, as specified on
page 11.
CLK
Clock Input Signal
BWE
Byte Write Enable Signal—The byte write enable signal needs to be combined with one of the four
byte write signals for a write operation to occur.
BW1
Byte Write signal for data outputs 1 thru 8
BW2
Byte Write signal for data outputs 9 thru 16
GW
Global Write Enable
CE1,CE2, CE3
Chip Enables
OE
Output Enable
ADV
Burst address advance
ADSP, ADSC
Address status signals
DQ
Data Input and Output pins
DQP
Parity Input and Output pins
MATCH
Match Output
MOE
Match Output Enable
DE
Data Enable—Data input registers are updated only when DE is active.
ZZ
Power down control—Application of ZZ will result in a low standby power consumption.
FT
Flow Through or Pipeline mode
LBO
Linear Order Burst mode
TMS
Test Mode Select
TDI
Test Data In
TDO
Test Data Out
TCK
Test Clock
VDD
3.3 V power supply
VSS
Ground
VDDQ
2.5 V/3.3 V output power supply
NC
No Connect


유사한 부품 번호 - GS841E18AB-150I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS84118AB-100 GSI-GS84118AB-100 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-100I GSI-GS84118AB-100I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-133 GSI-GS84118AB-133 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150 GSI-GS84118AB-150 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150I GSI-GS84118AB-150I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results

유사한 설명 - GS841E18AB-150I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com