전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT16823 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74ABT16823
상세설명  18-bit bus interface D-type flip-flop with reset and enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16823 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74ABT16823 Datasheet HTML 4Page - NXP Semiconductors 74ABT16823 Datasheet HTML 5Page - NXP Semiconductors 74ABT16823 Datasheet HTML 6Page - NXP Semiconductors 74ABT16823 Datasheet HTML 7Page - NXP Semiconductors 74ABT16823 Datasheet HTML 8Page - NXP Semiconductors 74ABT16823 Datasheet HTML 9Page - NXP Semiconductors 74ABT16823 Datasheet HTML 10Page - NXP Semiconductors 74ABT16823 Datasheet HTML 11Page - NXP Semiconductors 74ABT16823 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16823A
74ABTH16823A
18-bit bus-interface D-type flip-flop
with reset and enable (3-State)
1998 Feb 27
10
SSOP56:
plastic shrink small outline package; 56 leads; body width 7.5 mm
SOT371-1


유사한 부품 번호 - 74ABT16823

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ABT16823DGGRE4 TI-74ABT16823DGGRE4 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ABT16823DGGRE4 TI-74ABT16823DGGRE4 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ABT16823DGGRG4 TI-74ABT16823DGGRG4 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ABT16823

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com