전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS880F32T-14 데이터시트(PDF) 8 Page - GSI Technology

부품명 GS880F32T-14
상세설명  512K x 18, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880F32T-14 데이터시트(HTML) 8 Page - GSI Technology

Back Button GS880F32T-14 Datasheet HTML 4Page - GSI Technology GS880F32T-14 Datasheet HTML 5Page - GSI Technology GS880F32T-14 Datasheet HTML 6Page - GSI Technology GS880F32T-14 Datasheet HTML 7Page - GSI Technology GS880F32T-14 Datasheet HTML 8Page - GSI Technology GS880F32T-14 Datasheet HTML 9Page - GSI Technology GS880F32T-14 Datasheet HTML 10Page - GSI Technology GS880F32T-14 Datasheet HTML 11Page - GSI Technology GS880F32T-14 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Rev: 1.03 3/2000
8/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
N
Preliminary
GS880F18/36T-10/11/11.5/12/14
Synchronous Truth Table
Operation
Address
Used
State
Diagram
Key5
E1
E22
(x36only)
ADSP ADSC ADV
W3
DQ4
Deselect Cycle, Power
Down
None
X
H
X
X
L
X
X
High-Z
Deselect Cycle, Power Down
None
X
L
F
L
X
X
X
High-Z
Deselect Cycle, Power
Down
None
X
L
F
H
L
X
X
High-Z
Read Cycle, Begin Burst
External
R
L
T
L
X
X
X
Q
Read Cycle, Begin Burst
External
R
L
T
H
L
X
F
Q
Write Cycle, Begin Burst
External
W
L
T
H
L
X
T
D
Read Cycle, Continue Burst
Next
CR
X
X
H
H
L
F
Q
Read Cycle, Continue Burst
Next
CR
H
X
X
H
L
F
Q
Write Cycle, Continue Burst
Next
CW
X
X
H
H
L
T
D
Write Cycle, Continue Burst
Next
CW
H
X
X
H
L
T
D
Read Cycle, Suspend Burst
Current
X
X
H
H
H
F
Q
Read Cycle, Suspend Burst
Current
H
X
X
H
H
F
Q
Write Cycle, Suspend Burst
Current
X
X
H
H
H
T
D
Write Cycle, Suspend Burst
Current
H
X
X
H
H
T
D
Note:
1. X = Don’t Care, H = High, L = Low.
2. For x36 Version, E = T (True) if E2 = 1 and E3 = 0; E = F (False) if E2 = 0 or E3 = 1.
3. W = T (True) and F (False) is defined in the Byte Write Truth Table preceding.
4. G is an asynchronous input. G can be driven high at any time to disable active output drivers. G low can only enable active driv-
ers (shown as “Q” in the Truth Table above).
5. All input combinations shown above are tested and supported. Input combinations shown in gray boxes need not be used to
accomplish basic synchronous or synchronous burst operations and may be avoided for simplicity.
6. Tying ADSP high and ADSC low allows simple non-burst synchronous operations. See BOLD items above.
7. Tying ADSP high and ADV low while using ADSC to load new addresses allows simple burst operations. See ITALIC items
above.


유사한 부품 번호 - GS880F32T-14

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS880F32AT-5.5 GSI-GS880F32AT-5.5 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F32AT-5.5I GSI-GS880F32AT-5.5I Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F32AT-6 GSI-GS880F32AT-6 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F32AT-6.5 GSI-GS880F32AT-6.5 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F32AT-6.5I GSI-GS880F32AT-6.5I Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
More results

유사한 설명 - GS880F32T-14

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com