전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS880V36BT-200 데이터시트(PDF) 8 Page - GSI Technology

부품명 GS880V36BT-200
상세설명  512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880V36BT-200 데이터시트(HTML) 8 Page - GSI Technology

Back Button GS880V36BT-200 Datasheet HTML 4Page - GSI Technology GS880V36BT-200 Datasheet HTML 5Page - GSI Technology GS880V36BT-200 Datasheet HTML 6Page - GSI Technology GS880V36BT-200 Datasheet HTML 7Page - GSI Technology GS880V36BT-200 Datasheet HTML 8Page - GSI Technology GS880V36BT-200 Datasheet HTML 9Page - GSI Technology GS880V36BT-200 Datasheet HTML 10Page - GSI Technology GS880V36BT-200 Datasheet HTML 11Page - GSI Technology GS880V36BT-200 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
GS880V18/32/36BT-333/300/250/200
Rev: 1.02 3/2005
8/23
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x32 and x36 versions.
Byte Write Truth Table
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
HHHH
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3, 4
Write byte d
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
LLLLL
2, 3, 4
Write all bytes
L
XXXX
X


유사한 부품 번호 - GS880V36BT-200

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS880V37AT GSI-GS880V37AT Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-200 GSI-GS880V37AT-200 Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-200I GSI-GS880V37AT-200I Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-225 GSI-GS880V37AT-225 Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-225I GSI-GS880V37AT-225I Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results

유사한 설명 - GS880V36BT-200

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT GSI-GS881E18BT Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com