전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS840E32B-100I 데이터시트(PDF) 5 Page - GSI Technology

부품명 GS840E32B-100I
상세설명  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840E32B-100I 데이터시트(HTML) 5 Page - GSI Technology

  GS840E32B-100I Datasheet HTML 1Page - GSI Technology GS840E32B-100I Datasheet HTML 2Page - GSI Technology GS840E32B-100I Datasheet HTML 3Page - GSI Technology GS840E32B-100I Datasheet HTML 4Page - GSI Technology GS840E32B-100I Datasheet HTML 5Page - GSI Technology GS840E32B-100I Datasheet HTML 6Page - GSI Technology GS840E32B-100I Datasheet HTML 7Page - GSI Technology GS840E32B-100I Datasheet HTML 8Page - GSI Technology GS840E32B-100I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Rev: 2.05 6/2000
5/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
.
GS840E18/32/36T/B-180/166/150/100
TQFP Pin Description
Pin Location
Symbol
Type
Description
37, 36
A0, A1
I
Address field LSB’s and Address Counter preset Inputs
35, 34, 33, 32, 100, 99, 82, 81,44, 45, 46,
47, 48, 49, 50
A2-16
I
Address Inputs
80
A17
I
Address Inputs (x18 versions)
52, 53, 56, 57, 58, 59, 62, 63
68, 69, 72, 73, 74, 75, 78, 79
2, 3, 6, 7, 8, 9, 12, 13
18, 19, 22, 23, 24, 25, 28, 29
DQA1-DQA8
DQB1-DQB8
DQC1-DQC8
DQD1-DQD8
I/O
Data Input and Output pins. (x32, x36 Version)
51, 80, 1, 30
DQA9, DQB9,
DQC9, DQD9
I/O
Data Input and Output pins. (x36 Version)
51, 80, 1, 30
NC
No Connect (x32 Version)
58, 59, 62, 63, 68, 69, 72, 73, 74
8, 9, 12, 13, 18, 19, 22, 23, 24
DQA1-DQA9
DQB1-DQB9
I/O
Data Input and Output pins. (x18 Version)
51, 52, 53, 56, 57
75, 78, 79
1, 2, 3, 6, 7
25, 28, 29, 30
NC
-
No Connect (x18 Version)
87
BW
I
Byte Write. Writes all enabled bytes. Active Low.
93, 94
BA, BB
I
Byte Write Enable for DQA, DQB Data I/O’s. Active Low.
95, 96
BC, BD
I
Byte Write Enable for DQC, DQD Data I/O’s. Active Low.
(x32, x36 Version)
95, 96
NC
-
No Connect (x18 Version)
89
CK
I
Clock Input Signal. Active High.
88
GW
I
Global Write Enable. Writes all bytes. Active Low.
98, 92
E1, E3
I
Chip Enable. Active Low.
97
E2
I
Chip Enable. Active High.
86
G
I
Output Enable. Active Low.
83
ADV
I
Burst address counter advance enable. Active Low.
84, 85
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller). Active Low.
64
ZZ
I
Sleep Mode control. Active High.
14
FT
I
Flow Through or Pipeline mode. Active Low.
31
LBO
I
Linear Burst Order mode. Active Low.
15, 41, 65, 91
VDD
I
Core power supply.
5,10,17, 21, 26, 40, 55, 60, 67, 71, 76, 90
VSS
I
I/O and Core Ground.
4, 11, 20, 27, 54, 61, 70, 77
VDDQ
I
Output driver power supply.
16, 38, 39, 42, 43, 66
NC
-
No Connect.


유사한 부품 번호 - GS840E32B-100I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS840E32AB-100 GSI-GS840E32AB-100 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32AB-100I GSI-GS840E32AB-100I Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32AB-150 GSI-GS840E32AB-150 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32AB-150I GSI-GS840E32AB-150I Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32AB-166 GSI-GS840E32AB-166 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

유사한 설명 - GS840E32B-100I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com