전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS880E36AT-200I 데이터시트(PDF) 10 Page - GSI Technology

부품명 GS880E36AT-200I
상세설명  512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E36AT-200I 데이터시트(HTML) 10 Page - GSI Technology

Back Button GS880E36AT-200I Datasheet HTML 6Page - GSI Technology GS880E36AT-200I Datasheet HTML 7Page - GSI Technology GS880E36AT-200I Datasheet HTML 8Page - GSI Technology GS880E36AT-200I Datasheet HTML 9Page - GSI Technology GS880E36AT-200I Datasheet HTML 10Page - GSI Technology GS880E36AT-200I Datasheet HTML 11Page - GSI Technology GS880E36AT-200I Datasheet HTML 12Page - GSI Technology GS880E36AT-200I Datasheet HTML 13Page - GSI Technology GS880E36AT-200I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
GS880E18/32/36AT-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 11/2004
10/24
© 2001, GSI Technology
Simplified State Diagram
First Write
First Read
Burst Write
Burst Read
Deselect
R
W
CR
CW
X
X
WR
R
WR
X
X
X
CR
R
CW
CR
CR
Notes:
1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied low.
2. The upper portion of the diagram assumes active use of only the Enable (E1) and Write (BA, BB, BC, BD, BW, and GW) control inputs, and
that ADSP is tied high and ADSC is tied low.
3. The upper and lower portions of the diagram together assume active use of only the Enable, Write, and ADSC control inputs, and
assumes ADSP is tied high and ADV is tied low.


유사한 부품 번호 - GS880E36AT-200I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS880E36BGT-150 GSI-GS880E36BGT-150 Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E36BGT-150I GSI-GS880E36BGT-150I Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E36BGT-150IV GSI-GS880E36BGT-150IV Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E36BGT-150V GSI-GS880E36BGT-150V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E36BGT-200 GSI-GS880E36BGT-200 Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

유사한 설명 - GS880E36AT-200I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com