전자부품 데이터시트 검색엔진 |
|
GS881E32BT-150 데이터시트(PDF) 9 Page - GSI Technology |
|
GS881E32BT-150 데이터시트(HTML) 9 Page - GSI Technology |
9 / 40 page GS881E18B(T/D)/GS881E32B(T/D)/GS881E36B(T/D) Rev: 1.04 3/2005 9/40 © 2002, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS881E18/32/36BD 165-Bump BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs A I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low NC — No Connect CK I Clock Input Signal; active high BW I Byte Write—Writes all enabled bytes; active low GW I Global Write Enable—Writes all bytes; active low E1 I Chip Enable; active low E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active l0w ADSC, ADSP I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock MCL — Must Connect Low VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply |
유사한 부품 번호 - GS881E32BT-150 |
|
유사한 설명 - GS881E32BT-150 |