전자부품 데이터시트 검색엔진 |
|
GS8160EV18AT-200 데이터시트(PDF) 11 Page - GSI Technology |
|
GS8160EV18AT-200 데이터시트(HTML) 11 Page - GSI Technology |
11 / 24 page Rev: 1.00a 6/2003 11/24 © 2003, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS8160EV18/32/36AT-350/333/300/250/225/200/150 Preliminary First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R W R X X X CR R CW CR CR W CW W CW Simplified State Diagram with G Notes: 1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G. 2. Use of “Dummy Reads” (Read Cycles with G High) may be used to make the transition from Read cycles to Write cycles without passing through a Deselect cycle. Dummy Read cycles increment the address counter just like normal read cycles. 3. Transitions shown in gray tone assume G has been pulsed high long enough to turn the RAM’s drivers off and for incoming data to meet Data Input Set Up Time. |
유사한 부품 번호 - GS8160EV18AT-200 |
|
유사한 설명 - GS8160EV18AT-200 |