전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8160V18CT-333 데이터시트(PDF) 1 Page - GSI Technology

부품명 GS8160V18CT-333
상세설명  1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160V18CT-333 데이터시트(HTML) 1 Page - GSI Technology

  GS8160V18CT-333 Datasheet HTML 1Page - GSI Technology GS8160V18CT-333 Datasheet HTML 2Page - GSI Technology GS8160V18CT-333 Datasheet HTML 3Page - GSI Technology GS8160V18CT-333 Datasheet HTML 4Page - GSI Technology GS8160V18CT-333 Datasheet HTML 5Page - GSI Technology GS8160V18CT-333 Datasheet HTML 6Page - GSI Technology GS8160V18CT-333 Datasheet HTML 7Page - GSI Technology GS8160V18CT-333 Datasheet HTML 8Page - GSI Technology GS8160V18CT-333 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
GS8160V18/36CT-333/300/250
1M x 18 and 512K x 36
18Mb Sync Burst SRAMs
333 MHz–250 MHz
1.8 V VDD
1.8 V I/O
100-Pin TQFP
Commercial Temp
Industrial Temp
Preliminary
Rev: 1.00 9/2004
1/21
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipeline
operation
• Single Cycle Deselect (SCD) operation
• 1.8 V +10%/–10% core power supply
• 1.8 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 100-lead TQFP package
• Pb-Free 100-lead TQFP package available
Functional Description
Applications
The GS8160V18/36CT is an 18,874,368-bit (16,777,216-bit
for x32 version) high performance synchronous SRAM with a
2-bit burst address counter. Although of a type originally
developed for Level 2 Cache applications supporting high
performance CPUs, the device now finds application in
synchronous SRAM applications, ranging from DSP main
store to networking chip set support.
Controls
Addresses, data I/Os, chip enables (E1, E2, E3), address burst
control inputs (ADSP, ADSC, ADV), and write control inputs
(Bx, BW, GW) are synchronous and are controlled by a
positive-edge-triggered clock input (CK). Output enable (G)
and power down control (ZZ) are asynchronous inputs. Burst
cycles can be initiated with either ADSP or ADSC inputs. In
Burst mode, subsequent burst addresses are generated
internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or
interleave order with the Linear Burst Order (LBO) input. The
Burst function need not be used. New addresses can be loaded
on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by
the user via the FT mode pin (Pin 14). Holding the FT mode
pin low places the RAM in Flow Through mode, causing
output data to bypass the Data Output Register. Holding FT
high places the RAM in Pipeline mode, activating the rising-
edge-triggered Data Output Register.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write
control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion
(High) of the ZZ signal, or by stopping the clock (CK).
Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS8160V18/36CT operates on a 1.8 V power supply. All
input are 1.8 V compatible. Separate output power (VDDQ)
pins are used to decouple output noise from the internal circuits
and are 1.8 V compatible.
Parameter Synopsis
-333
-300
-250
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
3.0
2.5
3.3
2.5
4.0
ns
ns
Curr (x18)
Curr (x32/x36)
375
435
335
390
280
330
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
4.5
4.5
5.0
5.0
5.5
5.5
ns
ns
Curr (x18)
Curr (x32/x36)
280
335
230
270
210
240
mA
mA


유사한 부품 번호 - GS8160V18CT-333

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT-150 GSI-GS8160V18AT-150 Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT-150I GSI-GS8160V18AT-150I Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT-200 GSI-GS8160V18AT-200 Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT-200I GSI-GS8160V18AT-200I Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

유사한 설명 - GS8160V18CT-333

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8161V18CD GSI-GS8161V18CD Datasheet
776Kb / 28P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018C GSI-GS816018C Datasheet
567Kb / 22P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS816118C GSI-GS816118C Datasheet
769Kb / 29P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com