전자부품 데이터시트 검색엔진 |
|
GS880Z36BGT-150I 데이터시트(PDF) 10 Page - GSI Technology |
|
GS880Z36BGT-150I 데이터시트(HTML) 10 Page - GSI Technology |
10 / 24 page GS880Z18/36BT-333/300/250/200/150 Rev: 1.02 10/2004 10/24 © 2001, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Flow Through Mode Data I/O State Diagram High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for: Pipeline and Flow Through Read Write Control State Diagram |
유사한 부품 번호 - GS880Z36BGT-150I |
|
유사한 설명 - GS880Z36BGT-150I |