전자부품 데이터시트 검색엔진 |
|
GS8171DW36AC-333I 데이터시트(PDF) 11 Page - GSI Technology |
|
GS8171DW36AC-333I 데이터시트(HTML) 11 Page - GSI Technology |
11 / 33 page GS8171DW36/72AC-350/333/300/250 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.04 4/2005 11/33 © 2003, GSI Technology It should be noted that deselection of the RAM via E2 and E3 also deselects the Echo Clock output drivers. The deselection of Echo Clock drivers is always pipelined to the same degree as output data. Deselection of the RAM via E1 does not deactivate the Echo Clocks. In some applications it may be appropriate to pause between banks; to deselect both RAMs with E1 before resuming read operations. An E1 deselect at a bank switch will allow at least one clock to be issued from the new bank before the first read cycle in the bank. Although the following drawing illustrates a E1 read pause upon switching from Bank 1 to Bank 2, a write to Bank 2 would have the same effect, causing the RAM in Bank 2 to issue at least one clock before it is needed. Echo Clock Control in Two Banks of SigmaRAMs Note: E1\ does not deselect the Echo Clock Outputs. Echo Clock outputs are synchronously deselected by E2 or E3 being sampled false. QD CQ Bank 1 CQ Bank 2 DQ Bank 2 QB CQ1 + CQ2 QC Address A B /E1 /E2 Bank 1 E2 Bank 2 DQ Bank 1 QA ADV F DE C Read Read Read CK Read Read |
유사한 부품 번호 - GS8171DW36AC-333I |
|
유사한 설명 - GS8171DW36AC-333I |