전자부품 데이터시트 검색엔진 |
|
GS8161Z32BGD-200V 데이터시트(PDF) 11 Page - GSI Technology |
|
GS8161Z32BGD-200V 데이터시트(HTML) 11 Page - GSI Technology |
11 / 35 page GS8161ZxxB(T/D)-xxxV Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01a 6/2006 11/35 © 2004, GSI Technology Deselect New Read New Write Burst Read Burst Write W R B R B W D D B B W R D B W R D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Synchronous Truth Table. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipelined and Flow Through Read/Write Control State Diagram W R Pipelined and Flow Through Read Write Control State Diagram |
유사한 부품 번호 - GS8161Z32BGD-200V |
|
유사한 설명 - GS8161Z32BGD-200V |