전자부품 데이터시트 검색엔진 |
|
GS8322V18B-250 데이터시트(PDF) 3 Page - GSI Technology |
|
GS8322V18B-250 데이터시트(HTML) 3 Page - GSI Technology |
3 / 42 page Preliminary GS8322V18(B/E)/GS8322V36(B/E)/GS8322V72(C) Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.04 4/2005 3/42 © 2003, GSI Technology GS8322V72 209-Bump BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs. An I Address Inputs DQA DQB DQC DQD DQE DQF DQG DQH I/O Data Input and Output pins BA, BB I Byte Write Enable for DQA, DQB I/Os; active low BC,BD I Byte Write Enable for DQC, DQD I/Os; active low BE, BF, BG,BH I Byte Write Enable for DQE, DQF, DQG, DQH I/Os; active low NC — No Connect CK I Clock Input Signal; active high GW I Global Write Enable—Writes all bytes; active low E1 I Chip Enable; active low E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active low ADSP, ADSC I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep Mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low SCD I Single Cycle Deselect/Dual Cycle Deselect Mode Control MCH I Must Connect High MCL Must Connect Low BW I Byte Enable; active low ZQ I FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock |
유사한 부품 번호 - GS8322V18B-250 |
|
유사한 설명 - GS8322V18B-250 |