전자부품 데이터시트 검색엔진 |
|
GS8321Z32E-133 데이터시트(PDF) 10 Page - GSI Technology |
|
GS8321Z32E-133 데이터시트(HTML) 10 Page - GSI Technology |
10 / 34 page GS8321Z18/32/36E-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.06b 2/2006 10/34 © 2003, GSI Technology Intermediate Intermediate Intermediate Intermediate Intermediate Intermediate High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+2) Transition ƒ Input Command Code Key Transition Intermediate State (N+1) Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Intermediate ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipeline Mode Data I/O State Diagram Next State State Pipeline Mode Data I/O State Diagram |
유사한 부품 번호 - GS8321Z32E-133 |
|
유사한 설명 - GS8321Z32E-133 |